Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 5 Page - Linear Technology

  LT3757 Datasheet HTML 1Page - Linear Technology LT3757 Datasheet HTML 2Page - Linear Technology LT3757 Datasheet HTML 3Page - Linear Technology LT3757 Datasheet HTML 4Page - Linear Technology LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LT3757

3757fb
Typical perForMance characTerisTics
Switching Frequency
vs Temperature
SENSE Current Limit Threshold
vs Temperature
SENSE Current Limit Threshold
vs Duty Cycle
SHDN/UVLO Threshold
vs Temperature
SHDN/UVLO Current vs Voltage
SHDN/UVLO Hysteresis Current
vs Temperature
Dynamic Quiescent Current
vs Switching Frequency
RT vs Switching Frequency
Normalized Switching Frequency
vs FBX
TA = 25°C, unless otherwise noted.
FBX VOLTAGE (V)
–0.8
0
20
40
60
80
120
–0.4
0
0.4
0.8
3757 G06
1.2
1.6
100
–75 –50
0
50 75
–25
25
100
150
125
TEMPERATURE (°C)
100
105
110
115
120
3757 G08
DUTY CYCLE (%)
0
95
105
20
40
80
60
115
100
110
100
3757 G09
SHDN/UVLO VOLTAGE (V)
0
0
20
10
20
30
40
10
30
40
3757 G11
–75 –50
0
50 75
–25
25
100
150
125
TEMPERATURE (°C)
1.6
1.8
2.0
2.2
2.4
3757 G12
SWITCHING FREQUENCY (KHz)
0
0
15
20
35
300
500 600 700
10
5
25
30
100 200
400
900
800
1000
3757 G04
CL = 3300pF
SWITCHING FREQUENCY (KHz)
0
10
100
1000
300
500 600 700
100 200
400
900
800
1000
3757 G05
–75 –50
0
50 75
–25
25
100
150
125
TEMPERATURE (°C)
270
280
290
300
310
330
3757 G07
320
RT = 41.2K
–75 –50
0
50 75
–25
25
100
150
125
TEMPERATURE (°C)
1.18
1.22
1.24
1.26
1.28
1.20
3757 G10
SHDN/UVLO FALLING
SHDN/UVLO RISING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com