Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology LT3757 Datasheet HTML 12Page - Linear Technology LT3757 Datasheet HTML 13Page - Linear Technology LT3757 Datasheet HTML 14Page - Linear Technology LT3757 Datasheet HTML 15Page - Linear Technology LT3757 Datasheet HTML 16Page - Linear Technology LT3757 Datasheet HTML 17Page - Linear Technology LT3757 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LT3757

3757fb
applicaTions inForMaTion
DuetothecurrentlimitfunctionoftheSENSEpin,RSENSE
shouldbeselectedtoguaranteethatthepeakcurrentsense
voltageVSENSE(PEAK)duringsteadystatenormaloperation
islowerthantheSENSEcurrentlimitthreshold(seethe
Electrical Characteristics table). Given a 20% margin,
VSENSE(PEAK) is set to be 80mV. Then, the maximum
switchripplecurrentpercentagecanbecalculatedusing
thefollowingequation:
c =
−
∆
∆
V
mV
V
SENSE
SENSE
80
0 5
. •
cisusedinsubsequentdesignexamplestocalculateinduc-
torvalue.∆VSENSEistheripplevoltageacrossRSENSE.
TheLT3757switchingcontrollerincorporates100nstiming
intervaltoblanktheringingonthecurrentsensesignal
immediatelyafterM1isturnedon.Thisringingiscaused
bytheparasiticinductanceandcapacitanceofthePCB
trace,thesenseresistor,thediode,andtheMOSFET.The
100nstimingintervalisadequateformostoftheLT3757
applications.Intheapplicationsthathaveverylargeand
longringingonthecurrentsensesignal,asmallRCfilter
canbeaddedtofilterouttheexcessringing.Figure5
showstheRCfilteronSENSEpin.Itisusuallysufficient
to choose 22Ω for RFLT and 2.2nF to 10nF for CFLT.
KeepRFLT’sresistancelow.Rememberthatthereis65µA
(typical)flowingoutoftheSENSEpin.AddingRFLTwill
affecttheSENSEcurrentlimitthreshold:
VSENSE_ILIM=108mV–65µA•RFLT
APPLICATION CIRCUITS
TheLT3757canbeconfiguredasdifferenttopologies.The
firsttopologytobeanalyzedwillbetheboostconverter,
followedbytheflyback,SEPICandinvertingconverters.
Boost Converter: Switch Duty Cycle and Frequency
TheLT3757canbeconfiguredasaboostconverterfor
the applications where the converter output voltage is
higherthantheinputvoltage.Rememberthatboostcon-
vertersarenotshort-circuitprotected.Underashorted
outputcondition,theinductorcurrentislimitedonlyby
theinputsupplycapability.Forapplicationsrequiringa
step-upconverterthatisshort-circuitprotected,please
refer to the Applications Information section covering
SEPICconverters.
Theconversionratioasafunctionofdutycycleis
V
V
D
OUT
IN
=
−
1
1
incontinuousconductionmode(CCM).
ForaboostconverteroperatinginCCM,thedutycycle
ofthemainswitchcanbecalculatedbasedontheoutput
voltage(VOUT)andtheinputvoltage(VIN).Themaximum
duty cycle (DMAX) occurs when the converter has the
minimuminputvoltage:
D
V
V
V
MAX
OUT
IN MIN
OUT
=
−
(
)
Discontinuousconductionmode(DCM)provideshigher
conversionratiosatagivenfrequencyatthecostofreduced
efficienciesandhigherswitchingcurrents.
Figure 5. The RC Filter on SENSE Pin
CFLT
3757 F05
LT3757
RFLT
RSENSE
M1
SENSE
GATE
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com