Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 4 Page - Linear Technology

  LT3757 Datasheet HTML 1Page - Linear Technology LT3757 Datasheet HTML 2Page - Linear Technology LT3757 Datasheet HTML 3Page - Linear Technology LT3757 Datasheet HTML 4Page - Linear Technology LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LT3757

3757fb
TEMPERATURE (°C)
–75 –50
1580
1585
1590
1605
1600
0
50 75
1595
–25
25
100
150
125
3757 G01
VIN = 40V
VIN = 24V
VIN = 8V
VIN = INTVCC = 2.9V
SHDN/UVLO = 1.33V
TEMPERATURE (°C)
–802
–800
–798
–788
–790
–792
–794
–804
–796
3757 G02
–75 –50
0
50 75
–25
25
100
150
125
VIN = 40V
VIN = 24V
VIN = 8V
VIN = INTVCC = 2.9V
SHDN/UVLO = 1.33V
Typical perForMance characTerisTics
Positive Feedback Voltage
vs Temperature, VIN
Negative Feedback Voltage
vs Temperature, VIN
Quiescent Current
vs Temperature, VIN
TA = 25°C, unless otherwise noted.
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VIN = 24V, SHDN/UVLO = 24V, SENSE = 0V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INTVCCCurrentinShutdown
SHDN/UVLO=0V,INTVCC=8V
16
µA
INTVCCVoltagetoBypassInternalLDO
7.5
V
Logic Inputs
SHDN/UVLOThresholdVoltageFalling
VIN=INTVCC=8V
l
1.17
1.22
1.27
V
SHDN/UVLOInputLowVoltage
I(VIN)DropsBelow1µA
0.4
V
SHDN/UVLOPinBiasCurrentLow
SHDN/UVLO=1.15V
1.7
2
2.5
µA
SHDN/UVLOPinBiasCurrentHigh
SHDN/UVLO=1.30V
10
100
nA
Gate Driver
trGateDriverOutputRiseTime
CL=3300pF(Note5),INTVCC=7.5V
22
ns
tfGateDriverOutputFallTime
CL=3300pF(Note5),INTVCC=7.5V
20
ns
GateVOL
0.05
V
GateVOH
INTVCC
–0.05
V
Note 1:StressesbeyondthoselistedunderAbsoluteMaximumRatings
maycausepermanentdamagetothedevice.ExposuretoanyAbsolute
MaximumRatingconditionforextendedperiodsmayaffectdevice
reliabilityandlifetime.
Note 2: TheLT3757Eisguaranteedtomeetperformancespecifications
fromthe0°Cto125°Cjunctiontemperature.Specificationsoverthe–40°C
to125°Coperatingjunctiontemperaturerangeareassuredbydesign,
characterizationandcorrelationwithstatisticalprocesscontrols.The
LT3757Iisguaranteedoverthefull–40°Cto125°Coperatingjunction
temperaturerange.TheLT3757Hisguaranteedoverthefull–40°Cto150°C
operatingjunctiontemperaturerange.Highjunctiontemperaturesdegrade
operatinglifetimes.Operatinglifetimeisderatedatjunctiontemperatures
greaterthan125°C.TheLT3757MPis100%testedandguaranteedoverthe
full–55°Cto125°Coperatingjunctiontemperaturerange.
Note 3:TheLT3757istestedinafeedbackloopwhichservosVFBXtothe
referencevoltages(1.6Vand–0.8V)withtheVCpinforcedto1.3V.
Note 4:FBXovervoltagelockoutismeasuredatVFBX(OVERVOLTAGE)relative
toregulatedVFBX(REG).
Note 5:Riseandfalltimesaremeasuredat10%and90%levels.
Note 6:ForVINbelow6V,theSHDN/UVLOpinmustnotexceedVIN.
Note 7:SHDN/UVLO=1.33VwhenVIN=2.9V.
Note 8:TheLT3757includesovertemperatureprotectionthatisintended
toprotectthedeviceduringmomentaryoverloadconditions.Junction
temperaturewillexceedthemaximumoperatingjunctiontemperature
whenovertemperatureprotectionisactive.Continuousoperationabove
thespecifiedmaximumoperatingjunctiontemperaturemayimpairdevice
reliability.
–75 –50
0
50 75
–25
25
100
150
125
TEMPERATURE (°C)
1.4
1.6
1.8
1.5
1.7
3757 G03
VIN = 40V
VIN = 24V
VIN = INTVCC = 2.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com