Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology LT3757 Datasheet HTML 12Page - Linear Technology LT3757 Datasheet HTML 13Page - Linear Technology LT3757 Datasheet HTML 14Page - Linear Technology LT3757 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LT3757

3757fb
applicaTions inForMaTion
Figure 2. Recommended Maximum QG vs VIN at Different
Frequencies to Ensure INTVCC Higher Than 4.5V
Aneffectiveapproachtoreducethepowerconsumption
oftheinternalLDOforgatedriveistotietheINTVCCpin
toanexternalvoltagesourcehighenoughtoturnoffthe
internalLDOregulator.
If the input voltage VIN does not exceed the absolute
maximumratingofboththepowerMOSFETgate-source
voltage(VGS)andtheINTVCCovervoltagelockoutthreshold
voltage(17.5V),theINTVCCpincanbeshorteddirectly
totheVINpin.Inthiscondition,theinternalLDOwillbe
turnedoffandthegatedriverwillbepowereddirectly
fromtheinputvoltage,VIN.WiththeINTVCCpinshortedto
VIN,however,asmallcurrent(around16µA)willloadthe
INTVCCinshutdownmode.Forapplicationsthatrequire
thelowestshutdownmodeinputsupplycurrent,donot
connecttheINTVCCpintoVIN.
InSEPICorflybackapplications,theINTVCCpincanbe
connectedtotheoutputvoltageVOUTthroughablocking
diode,asshowninFigure3,ifVOUTmeetsthefollowing
conditions:
1.VOUT<VIN(pinvoltage)
2.7.2<VOUT<17.5V
3.VOUT<maximumVGSratingofpowerMOSFET
AresistorRVCCcanbeconnected,asshowninFigure3,to
limittheinrushcurrentfromVOUT.Regardlessofwhether
Figure 3. Connecting INTVCC to VOUT
CVCC
4.7µF
VOUT
3757 F03
INTVCC
GND
LT3757
RVCC
DVCC
VIN (V)
0
200
250
150
100
10
20
5
15
30
40
25
35
50
0
300
3757 F02
300kHz
1MHz
ornottheINTVCCpinisconnectedtoanexternalvoltage
source,itisalwaysnecessarytohavethedrivercircuitry
bypassedwitha4.7µFlowESRceramiccapacitortoground
immediatelyadjacenttotheINTVCCandGNDpins.
Operating Frequency and Synchronization
The choice of operating frequency may be determined
byon-chippowerdissipation,otherwiseitisatrade-off
betweenefficiencyandcomponentsize.Lowfrequency
operationimprovesefficiencybyreducinggatedrivecur-
rentandMOSFETanddiodeswitchinglosses.However,
lower frequency operation requires a physically larger
inductor.Switchingfrequencyalsohasimplicationsfor
loopcompensation.TheLT3757usesaconstant-frequency
architecturethatcanbeprogrammedovera100kHzto
1000kHzrangewithasingleexternalresistorfromthe
RTpintoground,asshowninFigure1.TheRTpinmust
haveanexternalresistortoGNDforproperoperationof
theLT3757.AtableforselectingthevalueofRTforagiven
operatingfrequencyisshowninTable1.
Table 1. Timing Resistor (RT) Value
OSCILLATOR FREQUENCY (kHz)
RT (kΩ)
100
140
200
63.4
300
41.2
400
30.9
500
24.3
600
19.6
700
16.5
800
14
900
12.1
1000
10.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com