Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 1 Page - Linear Technology

  LT3757 Datasheet HTML 1Page - Linear Technology LT3757 Datasheet HTML 2Page - Linear Technology LT3757 Datasheet HTML 3Page - Linear Technology LT3757 Datasheet HTML 4Page - Linear Technology LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LT3757

3757fb
n
Wide Input Voltage Range: 2.9V to 40V
n
Positive or Negative Output Voltage Programming
with a Single Feedback Pin
n
CurrentModeControlProvidesExcellentTransient
Response
n
ProgrammableOperatingFrequency(100kHzto
1MHz)withOneExternalResistor
n
SynchronizabletoanExternalClock
n
LowShutdownCurrent<1µA
n
Internal7.2VLowDropoutVoltageRegulator
n
ProgrammableInputUndervoltageLockoutwith
Hysteresis
n
ProgrammableSoft-Start
n
Small10-LeadDFN(3mm
×3mm)andThermally
Enhanced10-PinMSOPPackages
Typical applicaTion
DescripTion
Boost, Flyback, SEPIC and
Inverting Controller
TheLT®3757isawideinputrange,currentmode,DC/DC
controllerwhichiscapableofgeneratingeitherpositiveor
negativeoutputvoltages.Itcanbeconfiguredaseithera
boost,flyback,SEPICorinvertingconverter.TheLT3757
drivesalowsideexternalN-channelpowerMOSFETfrom
aninternalregulated7.2Vsupply.Thefixedfrequency,
current-modearchitectureresultsinstableoperationover
awiderangeofsupplyandoutputvoltages.
TheoperatingfrequencyofLT3757canbesetwithan
externalresistorovera100kHzto1MHzrange,andcan
besynchronizedtoanexternalclockusingtheSYNCpin.
Alowminimumoperatingsupplyvoltageof2.9V,anda
lowshutdownquiescentcurrentoflessthan1µA,make
theLT3757ideallysuitedforbattery-operatedsystems.
The LT3757 features soft-start and frequency foldback
functions to limit inductor current during start-up and
outputshort-circuit.
High Efficiency Boost Converter
FeaTures
applicaTions
n
AutomotiveandIndustrialBoost,Flyback,SEPICand
InvertingConverters
n
TelecomPowerSupplies
n
PortableElectronicEquipment
Efficiency
SENSE
LT3757
VIN
VIN
8V TO 16V
10µF
25V
X5R
VOUT
24V
2A
0.01
41.2k
300kHz
GATE
FBX
GND INTVCC
SHDN/UVLO
SYNC
RT
SS
VC
200k
43.2k
0.1µF
22k
6.8nF
10µH
3757 TA01a
226k
16.2k
4.7µF
10V
X5R
10µF
25V
X5R
47µF
35V
2
+
OUTPUT CURRENT (A)
0.001
30
50
40
60
70
80
90
100
0.01
0.1
1
3757 TA01b
10
VIN = 8V
VIN = 16V
L
,LT,LTC,LTM,LinearTechnology,theLinearlogoandBurstModeareregisteredtrademarks
andNoRSENSEandThinSOTaretrademarksofLinearTechnologyCorporation.Allother
trademarksarethepropertyoftheirrespectiveowners.


Similar Part No. - LT3757

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3757 LINER-LT3757 Datasheet
277Kb / 26P
Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3757 LINER-LT3757 Datasheet
514Kb / 32P
Wide Input Voltage Range
LT3757 LINER-LT3757 Datasheet
373Kb / 36P
PolyPhase Synchronous Boost Controller
LT3757 LINER-LT3757 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3757 LINER-LT3757 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
More results

Similar Description - LT3757

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3758 LINER-LT3758 Datasheet
741Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3958 LINER-LT3958 Datasheet
325Kb / 28P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Current Mode Boost Flyback and SEPIC Controller
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758_15 Datasheet
515Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758A LINER-LT3758A_15 Datasheet
515Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3958 LINER-LT3958_15 Datasheet
330Kb / 28P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3757 LINER-LT3757_15 Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com