Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology LT3757 Datasheet HTML 12Page - Linear Technology LT3757 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LT3757

3757fb
applicaTions inForMaTion
Main Control Loop
TheLT3757usesafixedfrequency,currentmodecontrol
schemetoprovideexcellentlineandloadregulation.Op-
erationcanbebestunderstoodbyreferringtotheBlock
DiagraminFigure1.
ThestartofeachoscillatorcyclesetstheSRlatch(SR1)and
turnsontheexternalpowerMOSFETswitchM1through
driverG2.Theswitchcurrentflowsthroughtheexternal
currentsensingresistorRSENSEandgeneratesavoltage
proportional to the switch current. This current sense
voltageVISENSE(amplifiedbyA5)isaddedtoastabilizing
slopecompensationrampandtheresultingsum(SLOPE)
isfedintothepositiveterminalofthePWMcomparatorA7.
WhenSLOPEexceedsthelevelatthenegativeinputofA7
(VCpin),SR1isreset,turningoffthepowerswitch.The
levelatthenegativeinputofA7issetbytheerroramplifier
A1(orA2)andisanamplifiedversionofthedifference
betweenthefeedbackvoltage(FBXpin)andthereference
voltage(1.6Vor–0.8V,dependingontheconfiguration).
Inthismanner,theerroramplifiersetsthecorrectpeak
switchcurrentleveltokeeptheoutputinregulation.
TheLT3757hasaswitchcurrentlimitfunction.Thecurrent
sensevoltageisinputtothecurrentlimitcomparatorA6.
IftheSENSEpinvoltageishigherthanthesensecurrent
limitthresholdVSENSE(MAX)(110mV,typical),A6willreset
SR1andturnoffM1immediately.
The LT3757 is capable of generating either positive or
negativeoutputvoltagewithasingleFBXpin.Itcanbe
configuredasaboost,flybackorSEPICconvertertogen-
eratepositiveoutputvoltage,orasaninvertingconverter
togeneratenegativeoutputvoltage.Whenconfiguredas
aSEPICconverter,asshowninFigure1,theFBXpinis
pulleduptotheinternalbiasvoltageof1.6Vbyavolt-
agedivider(R1andR2)connectedfromVOUTtoGND.
Comparator A2 becomes inactive and comparator A1
performstheinvertingamplificationfromFBXtoVC.When
theLT3757isinaninvertingconfiguration,theFBXpin
ispulleddownto–0.8Vbyavoltagedividerconnected
fromVOUTtoGND.ComparatorA1becomesinactiveand
comparatorA2performsthenoninvertingamplification
fromFBXtoVC.
The LT3757 has overvoltage protection functions to
protect the converter from excessive output voltage
overshootduringstart-uporrecoveryfromashort-circuit
condition.AnovervoltagecomparatorA11(with20mV
hysteresis)senseswhentheFBXpinvoltageexceedsthe
positiveregulatedvoltage(1.6V)by8%andprovidesa
reset pulse. Similarly, an overvoltage comparator A12
(with10mVhysteresis)senseswhentheFBXpinvoltage
exceedsthenegativeregulatedvoltage(–0.8V)by11%
andprovidesaresetpulse.Bothresetpulsesaresentto
themainRSlatch(SR1)throughG6andG5.Thepower
MOSFETswitchM1isactivelyheldoffforthedurationof
anoutputovervoltagecondition.
Programming Turn-On and Turn-Off Thresholds with
the SHDN/UVLO Pin
The SHDN/UVLO pin controls whether the LT3757 is
enabled or is in shutdown state. A micropower 1.22V
reference,acomparatorA10andacontrollablecurrent
sourceIS1allowtheusertoaccuratelyprogramthesup-
plyvoltageatwhichtheICturnsonandoff.Thefalling
valuecanbeaccuratelysetbytheresistordividersR3
andR4.WhenSHDN/UVLOisabove0.7V,andbelowthe
1.22Vthreshold,thesmallpull-downcurrentsourceIS1
(typical2µA)isactive.
Thepurposeofthiscurrentistoallowtheusertoprogram
therisinghysteresis.TheBlockDiagramofthecomparator
andtheexternalresistorsisshowninFigure1.Thetypical
fallingthresholdvoltageandrisingthresholdvoltagecan
becalculatedbythefollowingequations:
V
R R
R
V
µA
VIN FALLING
VIN RISING
,
,
. •
(
)
•
=
+
=
1 22
3
4
4
2
RR VIN FALLING
3
+
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com