Electronic Components Datasheet Search
  English  ▼

X  

UJA1076 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 21Page - NXP Semiconductors UJA1076 Datasheet HTML 22Page - NXP Semiconductors UJA1076 Datasheet HTML 23Page - NXP Semiconductors UJA1076 Datasheet HTML 24Page - NXP Semiconductors UJA1076 Datasheet HTML 25Page - NXP Semiconductors UJA1076 Datasheet HTML 26Page - NXP Semiconductors UJA1076 Datasheet HTML 27Page - NXP Semiconductors UJA1076 Datasheet HTML 28Page - NXP Semiconductors UJA1076 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
25 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
7.
Limiting values
Table 8.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Vx
voltage on pin x
DC value
pins V1, V2 and INTN
−0.3
7
V
pins TXDC, RXDC, EN, SDI, SDO, SCK, SCSN,
RSTN and WDOFF
−0.3
VV1 + 0.3
V
pin VEXCC
VV1 − 0.3
VV1 + 0.35 V
pins WAKE1, WAKE2 and WBIAS; with respect to
any other pin
−58
+58
V
pin LIMP and BAT
−0.3
+40
V
pin VEXCTRL
−0.3
VBAT + 0.3 V
pins CANH, CANL and SPLIT; with respect to any
other pin
−58
+58
V
IR(V1-BAT)
reverse current from
pin V1 to pin BAT
VV1 ≤ 5V
[1]
-
250
mA
Vtrt
transient voltage
on pins
BAT: via reverse polarity diode/capacitor
CANL, CANH, SPLIT: coupling with two capacitors
on the bus lines
[2]
−150
+100
V
VESD
electrostatic
discharge voltage
IEC 61000-4-2
[3]
pins BAT with capacitor, CANH and CANL; via a
series resistor on pins SPLIT, WAKE1 and WAKE2
[4]
−6+6
kV
HBM
[5]
pins CANH, CANL, SPLIT, WAKE1 and WAKE2
[6]
−8+8
kV
pin BAT; referenced to ground
−4+4
kV
pin TEST2; referenced to pin BAT
−1.25
+2
kV
pin TEST2; referenced to other reference pins
−2+2
kV
any other pin
−2+2
kV
MM
[7]
any pin
−300
+300
V
CDM
[8]
corner pins
−750
+750
V
any other pin
−500
+500
V
Tvj
virtual junction
temperature
[9]
−40
+150
°C
Tstg
storage temperature
−55
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com