Electronic Components Datasheet Search
  English  ▼

X  

UJA1076 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 26Page - NXP Semiconductors UJA1076 Datasheet HTML 27Page - NXP Semiconductors UJA1076 Datasheet HTML 28Page - NXP Semiconductors UJA1076 Datasheet HTML 29Page - NXP Semiconductors UJA1076 Datasheet HTML 30Page - NXP Semiconductors UJA1076 Datasheet HTML 31Page - NXP Semiconductors UJA1076 Datasheet HTML 32Page - NXP Semiconductors UJA1076 Datasheet HTML 33Page - NXP Semiconductors UJA1076 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
30 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
Vuvd(ctrl)Iext
external current control
undervoltage detection
voltage
5.9
-
7.5
V
Voltage source; pin V1
VO
output voltage
VO(V1)nom = 5 V; VBAT = 5.5 V to 28 V
IV1 = −200 mA to −5 mA
4.9
5
5.1
V
VO(V1)nom = 5 V; VBAT = 5.5 V to 28 V
IV1 = −250 mA to −200 mA
4.75
5
5.1
V
VO(V1)nom = 5 V; VBAT = 5.5 V to 5.75 V
IV1 = −250 mA to −5 mA
150
°C< T
vj <200 °C
4.5
5
5.1
V
VO(V1)nom = 5 V; VBAT = 5.75 V to 28 V
IV1 = −250 mA to −5 mA
150
°C< T
vj <200 °C
4.85
5
5.1
V
VO(V1)nom = 3.3 V; VBAT = 4.5 V to 28 V
IV1 = −250 mA to −5 mA
3.234
3.3
3.366
V
VO(V1)nom = 3.3 V; VBAT = 4.5 V to 28 V
IV1 = −250 mA to −5 mA
150
°C< T
vj <200 °C
2.97
3.3
3.366
V
R(BAT-V1)
resistance between pin BAT
and pin V1
VO(V1)nom = 5 V; VBAT = 4.5 V to 5.5 V
IV1 = −250 mA to −5 mA
regulator in saturation
--
3
Ω
Vuvd
undervoltage detection
voltage
90 %; VO(V1)nom = 5 V; RTHC = 0
4.5
-
4.75
V
90 %; VO(V1)nom = 3.3 V; RTHC = 0
2.97
-
3.135
V
70 %; VO(V1)nom = 5 V; RTHC = 1
3.5
-
3.75
V
Vuvr
undervoltage recovery
voltage
90 %; VO(V1)nom = 5 V
4.56
-
4.9
V
90 %; VO(V1)nom = 3.3 V
3.025
-
3.234
V
IO(sc)
short-circuit output current
IVEXCC = 0 mA
−600
-
−250
mA
Load regulation
ΔV
V1
voltage variation on pin V1
as a function of load current variation
VBAT = 5.75 V to 28 V
IV1 = −250 mA to −5 mA
--
25
mV
Line regulation
ΔV
V1
voltage variation on pin V1
as a function of supply voltage variation
VBAT = 5.5 V to 28 V; IV1 = −30 mA
--
25
mV
PNP base; pin VEXCTRL
IO(sc)
short-circuit output current
VVEXCTRL ≥ 4.5 V; VBAT = 6 V to 28 V
3.5
5.8
8
mA
Table 10.
Static characteristics …continued
Tvj = −40 °C to +150 °C; VBAT = 4.5 V to 28 V; VBAT > VV1; VBAT > VV2; R(CANH-CANL) = 45 Ω to 65 Ω; all voltages are defined
with respect to ground; positive currents flow in the IC; typical values are given at VBAT = 14 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com