Electronic Components Datasheet Search
  English  ▼

X  

UJA1076 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 1 Page - NXP Semiconductors

  UJA1076 Datasheet HTML 1Page - NXP Semiconductors UJA1076 Datasheet HTML 2Page - NXP Semiconductors UJA1076 Datasheet HTML 3Page - NXP Semiconductors UJA1076 Datasheet HTML 4Page - NXP Semiconductors UJA1076 Datasheet HTML 5Page - NXP Semiconductors UJA1076 Datasheet HTML 6Page - NXP Semiconductors UJA1076 Datasheet HTML 7Page - NXP Semiconductors UJA1076 Datasheet HTML 8Page - NXP Semiconductors UJA1076 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
1.
General description
The UJA1076 core System Basis Chip (SBC) replaces the basic discrete components
commonly found in Electronic Control Units (ECU) with a high-speed Controller Area
Network (CAN).
The UJA1076 supports the networking applications used to control power and sensor
peripherals by using a high-speed CAN as the main network interface.
The core SBC contains the following integrated devices:
• High-speed CAN transceiver, inter-operable and downward compatible with CAN
transceiver TJA1042, and compatible with the ISO 11898-2 and ISO 11898-5
standards
• Advanced independent watchdog (UJA1076/xx/WD versions)
• 250 mA voltage regulator for supplying a microcontroller; extendable with external
PNP transistor for increased current capability and dissipation distribution
• Separate voltage regulator for supplying the on-board CAN transceiver
• Serial Peripheral Interface (SPI) (full duplex)
• 2 local wake-up input ports
• Limp-home output port
In addition to the advantages gained from integrating these common ECU functions in a
single package, the core SBC offers an intelligent combination of system-specific
functions such as:
• Advanced low-power concept
• Safe and controlled system start-up behavior
• Detailed status reporting on system and sub-system levels
The UJA1076 is designed to be used in combination with a microcontroller that
incorporates a CAN controller. The SBC ensures that the microcontroller always starts up
in a controlled manner.
UJA1076
High-speed CAN core system basis chip
Rev. 02 — 27 May 2010
Product data sheet


Similar Part No. - UJA1076

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1076A NXP-UJA1076A Datasheet
341Kb / 47P
High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/3V3 NXP-UJA1076ATW/3V3 Datasheet
341Kb / 47P
High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/3V3/WD NXP-UJA1076ATW/3V3/WD Datasheet
341Kb / 47P
High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/5V0 NXP-UJA1076ATW/5V0 Datasheet
341Kb / 47P
High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/5V0/WD NXP-UJA1076ATW/5V0/WD Datasheet
341Kb / 47P
High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
More results

Similar Description - UJA1076

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
System Basis Chip With High Speed CAN Transceiver
logo
NXP Semiconductors
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
UJA1078 NXP-UJA1078 Datasheet
389Kb / 53P
High-speed CAN/dual LIN core system basis chip
Rev. 02-27 May 2010
UJA1078ATW PHILIPS-UJA1078ATW Datasheet
394Kb / 54P
High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076A NXP-UJA1076A Datasheet
341Kb / 47P
High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1169L NXP-UJA1169L Datasheet
526Kb / 74P
Mini high-speed CAN companion system basis chip
Rev. 1 ??15 February 2016
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1078A NXP-UJA1078A Datasheet
394Kb / 54P
High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com