Electronic Components Datasheet Search
  English  ▼

X  

UJA1076 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 2Page - NXP Semiconductors UJA1076 Datasheet HTML 3Page - NXP Semiconductors UJA1076 Datasheet HTML 4Page - NXP Semiconductors UJA1076 Datasheet HTML 5Page - NXP Semiconductors UJA1076 Datasheet HTML 6Page - NXP Semiconductors UJA1076 Datasheet HTML 7Page - NXP Semiconductors UJA1076 Datasheet HTML 8Page - NXP Semiconductors UJA1076 Datasheet HTML 9Page - NXP Semiconductors UJA1076 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
6 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
The exposed die pad at the bottom of the package allows for better heat dissipation from
the SBC via the printed circuit board. The exposed die pad is not connected to any active
part of the IC and can be left floating, or can be connected to GND.
6.
Functional description
The UJA1076 combines the functionality of a high-speed CAN transceiver, two voltage
regulators and a watchdog (UJA1076/xx/WD versions) in a single, dedicated chip. It
handles the power-up and power-down functionality of the ECU and ensures advanced
system reliability. The SBC offers wake-up by bus activity, by cyclic wake-up and by the
activation of external switches. Additionally, it provides a periodic control signal for pulsed
testing of wake-up switches, allowing low-current operation even when the wake-up
switches are closed in Standby mode.
All transceivers are optimized to be highly flexible with regard to bus topologies. In
particular, the high-speed CAN transceiver is optimized to reduce ringing (bus reflections).
V1, the main voltage regulator, is designed to power the ECU's microcontroller, its
peripherals and additional external transceivers. An external PNP transistor can be added
to improve heat distribution. V2 supplies the integrated high-speed CAN transceiver. The
watchdog is clocked directly by the on-chip oscillator and can be operated in Window,
Timeout and Off modes.
WAKE1
18
local wake-up input 1
WAKE2
19
local wake-up input 2
V2
20
5 V voltage regulator output for CAN
CANH
21
CANH bus line
CANL
22
CANL bus line
GND
23
ground
SPLIT
24
CAN bus common mode stabilization output
i.c.
25
internally connected; should be left floating
i.c.
26
internally connected; should be left floating
i.c.
27
internally connected; should be left floating
WBIAS
28
control pin for external wake biasing transistor
VEXCC
29
current measurement for external PNP transistor; this pin is connected to
the collector of the external PNP transistor
TEST2
30
test pin; pin should be connected to ground
VEXCTRL
31
control pin of the external PNP transistor; this pin is connected to the base
of the external PNP transistor
BAT
32
battery supply for the SBC
Table 2.
Pin description …continued
Symbol
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com