Electronic Components Datasheet Search
  English  ▼

X  

UJA1076 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 31Page - NXP Semiconductors UJA1076 Datasheet HTML 32Page - NXP Semiconductors UJA1076 Datasheet HTML 33Page - NXP Semiconductors UJA1076 Datasheet HTML 34Page - NXP Semiconductors UJA1076 Datasheet HTML 35Page - NXP Semiconductors UJA1076 Datasheet HTML 36Page - NXP Semiconductors UJA1076 Datasheet HTML 37Page - NXP Semiconductors UJA1076 Datasheet HTML 38Page - NXP Semiconductors UJA1076 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
35 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
10. Dynamic characteristics
Table 11.
Dynamic characteristics
Tvj = −40 °C to +150 °C; VBAT = 4.5 V to 28 V; VBAT > VV1; VBAT > VV2; R(CANH-CANL) = 45 Ω to 65 Ω; all voltages are defined
with respect to ground; positive currents flow in the IC; typical values are given at VBAT = 14 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Voltage source; pin V1
td(uvd)
undervoltage detection delay
time
VV1 falling; dVV1/dt = 0.1 V/μs7
-
23
μs
tdet(CL)L
LOW-level clamping detection
time
VV1 <0.9VO(V1)nom; V1 active
95
-
140
ms
Voltage source; pin V2
td(uvd)
undervoltage detection delay
time
VV2 falling, dVV2/dt = 0.1 V/us
7
-
23
μs
Serial peripheral interface timing; pins SCSN, SCK, SDI and SDO
tcy(clk)
clock cycle time
VV1 = 2.97 V to 5.5 V
320
-
-
ns
tSPILEAD
SPI enable lead time
VV1 = 2.97 V to 5.5 V; clock is LOW
when SPI select falls
110
-
-
ns
tSPILAG
SPI enable lag time
VV1 = 2.97 V to 5.5 V; clock is LOW
when SPI select rises
140
-
-
ns
tclk(H)
clock HIGH time
VV1 = 2.97 V to 5.5 V
160
-
-
ns
tclk(L)
clock LOW time
VV1 = 2.97 V to 5.5 V
160
-
-
ns
tsu(D)
data input set-up time
VV1 = 2.97 V to 5.5 V
0
-
-
ns
th(D)
data input hold time
VV1 = 2.97 V to 5.5 V
80
-
-
ns
tv(Q)
data output valid time
pin SDO; VV1 = 2.97 V to 5.5 V
CL = 100 pF
--
110
ns
tWH(S)
chip select pulse width HIGH
VV1 = 2.97 V to 5.5 V
20
-
-
ns
Reset output; pin RSTN
tw(rst)
reset pulse width
long; Ipu(RSTN) < 100 μA; no pull-up
20
-
25
ms
short; Rpu(RSTN) = 900 Ω to 1100 Ω
3.6
-
5
ms
tdet(CL)L
LOW-level clamping detection
time
RSTN driven HIGH internally but
RSTN remains LOW
95
-
140
ms
tfltr
filter time
7
-
18
μs
Watchdog off input; pin WDOFF
tfltr
filter time
0.9
-
2.3
ms
Wake input; pin WAKE1, WAKE2
twake
wake-up time
10
-
40
μs
td(po)
power-on delay time
113
-
278
μs
CAN transceiver timing; pins CANH, CANL, TXDC and RXDC
td(TXDCH-RXDCH)
delay time from TXDC HIGH
to RXDC HIGH
50 % VTXDC to 50 % VRXDC
VV2 = 4.5 V to 5.5 V
R(CANH-CANL) = 60 Ω
C(CANH-CANL) = 100 pF; CRXDC = 15 pF
fTXDC = 250 kHz
60
-
235
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com