Electronic Components Datasheet Search
  English  ▼

X  

UJA1076 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 30Page - NXP Semiconductors UJA1076 Datasheet HTML 31Page - NXP Semiconductors UJA1076 Datasheet HTML 32Page - NXP Semiconductors UJA1076 Datasheet HTML 33Page - NXP Semiconductors UJA1076 Datasheet HTML 34Page - NXP Semiconductors UJA1076 Datasheet HTML 35Page - NXP Semiconductors UJA1076 Datasheet HTML 36Page - NXP Semiconductors UJA1076 Datasheet HTML 37Page - NXP Semiconductors UJA1076 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
34 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
Vth(RX)dif
differential receiver threshold
voltage
CAN Active mode
VV2 = 4.5 V to 5.5 V
−30 V < V
CANH < 30 V
−30 V < V
CANL < 30 V
0.5
0.7
0.9
V
CAN Lowpower mode
−12 V < V
CANH < 12 V
−12 V < V
CANL < 12 V
0.4
0.7
1.15
V
Vhys(RX)dif
differential receiver
hysteresis voltage
CAN Active mode
VV2 = 4.5 V to 5.5 V
−30 V < V
CANH < 30 V
−30 V < V
CANL < 30 V
40
120
400
mV
Ri(cm)
common-mode input
resistance
CAN Active mode; VV2 = 5 V
VCANH = VCANL = 5 V
915
28
k
Ω
ΔR
i
input resistance deviation
CAN Active mode; VV2 = 5 V
VCANH = VCANL =5V
−1-
+1
%
Ri(dif)
differential input resistance
CAN Active mode; VV2 = 5.5 V
VCANH = VCANL = −35 V to +35 V
19
30
52
k
Ω
Ci(cm)
common-mode input
capacitance
CAN Active mode; not tested
-
-
20
pF
Ci(dif)
differential input capacitance
CAN Active mode; not tested
-
-
10
pF
ILI
input leakage current
VBAT = 0 V; VV2 = 0 V
VCANH = VCANL =5V
−5
-
+5
μA
CAN bus common mode stabilization output; pin SPLIT
VO
output voltage
CAN Active mode
VV2 = 4.5 V to 5.5 V
ISPLIT = −500 μA to 500 μA
0.3VV2 0.5VV2 0.7VV2
V
CAN Active mode
VV2 = 4.5 V to 5.5 V; RL ≥ 1MΩ
0.45
×
VV2
0.5
×
VV2
0.55
×
VV2
V
IL
leakage current
CAN Lowpower/Off mode or Active
mode with VV2 < 4.5 V
VSPLIT = −30 V to + 30 V
−5-
+5
μA
Temperature protection
Tth(act)otp
overtemperature protection
activation threshold
temperature
165
180
200
°C
Tth(rel)otp
overtemperature protection
release threshold
temperature
126
138
150
°C
Table 10.
Static characteristics …continued
Tvj = −40 °C to +150 °C; VBAT = 4.5 V to 28 V; VBAT > VV1; VBAT > VV2; R(CANH-CANL) = 45 Ω to 65 Ω; all voltages are defined
with respect to ground; positive currents flow in the IC; typical values are given at VBAT = 14 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com