Electronic Components Datasheet Search
  English  ▼

X  

UJA1076 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 23Page - NXP Semiconductors UJA1076 Datasheet HTML 24Page - NXP Semiconductors UJA1076 Datasheet HTML 25Page - NXP Semiconductors UJA1076 Datasheet HTML 26Page - NXP Semiconductors UJA1076 Datasheet HTML 27Page - NXP Semiconductors UJA1076 Datasheet HTML 28Page - NXP Semiconductors UJA1076 Datasheet HTML 29Page - NXP Semiconductors UJA1076 Datasheet HTML 30Page - NXP Semiconductors UJA1076 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
27 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
8.
Thermal characteristics
Layout conditions for Rth(j-a) measurements: board finish thickness 1.6 mm ±10 %, double-layer
board, board dimensions 129 mm
× 60 mm, board Material FR4, Cu thickness 0.070 mm, thermal
via separation 1.2 mm, thermal via diameter 0.3 mm
±0.08 mm, Cu thickness on vias 0.025 mm.
Optional heat sink top layer of 3.5 mm
× 25 mm will reduce thermal resistance (see Figure 14).
Fig 13. HTSSOP PCB
PCB copper area:
(bottom layer)
2 cm2
PCB copper area:
(bottom layer)
8 cm2
015aaa137
optional heatsink top layer
optional heatsink top layer
optional heatsink top layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com