Electronic Components Datasheet Search
  English  ▼

X  

EPC4 Datasheet(PDF) 6 Page - Altera Corporation

Part # EPC4
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 6 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 2Page - Altera Corporation EPC4 Datasheet HTML 3Page - Altera Corporation EPC4 Datasheet HTML 4Page - Altera Corporation EPC4 Datasheet HTML 5Page - Altera Corporation EPC4 Datasheet HTML 6Page - Altera Corporation EPC4 Datasheet HTML 7Page - Altera Corporation EPC4 Datasheet HTML 8Page - Altera Corporation EPC4 Datasheet HTML 9Page - Altera Corporation EPC4 Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
1–6
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Functional Description
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
The external flash interface is currently supported in the EPC16 and EPC4 devices.
For information about using this feature in the EPC8 device, contact Altera Applica-
tions at www.altera.com/support.
Enhanced configuration devices have a 3.3-V core and I/O interface. The controller
chip is a synchronous system that implements the various interfaces and features.
Figure 1–1 shows a block diagram of the enhanced configuration device. The
controller chip features three separate interfaces:
■
A configuration interface between the controller and the Altera FPGAs
■
A JTAG interface on the controller that enables ISP of the flash memory
■
An external flash interface that the controller shares with an external processor, or
FPGA implementing a Nios® embedded processor (interface available after ISP
and configuration)
EPC16
Commercial
UBGA 88
Intel (1) or Sharp
Intel (1) or Sharp
Industrial
UBGA 88
Intel (1) or Sharp
Intel (1)
Commercial/
Industrial
PQFP 100
Intel (1) or Sharp
Intel (1)
Note to Table 1–3:
(1) For more information, refer to the Process Change Notification PCN0506: Addition of Intel Flash Memory As
Source for EPC4, EPC8 and EPC16 Enhanced Configuration Devices.
Table 1–3. Enhanced Configuration Devices Flash Memory (Part 2 of 2)
Device
Grade
Package
Flash Memory
Leaded
Lead-Fee
Figure 1–1. Enhanced Configuration Device Block Diagram
Flash
FPGA
Controller
JTAG/ISP Interface
Enhanced Configuration Device
Shared Flash Interface
Shared Flash
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com