Electronic Components Datasheet Search
  English  ▼

X  

EPC4 Datasheet(PDF) 17 Page - Altera Corporation

Part # EPC4
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 17 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 13Page - Altera Corporation EPC4 Datasheet HTML 14Page - Altera Corporation EPC4 Datasheet HTML 15Page - Altera Corporation EPC4 Datasheet HTML 16Page - Altera Corporation EPC4 Datasheet HTML 17Page - Altera Corporation EPC4 Datasheet HTML 18Page - Altera Corporation EPC4 Datasheet HTML 19Page - Altera Corporation EPC4 Datasheet HTML 20Page - Altera Corporation EPC4 Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
1–17
Functional Description
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Dynamic Configuration (Page Mode)
The dynamic configuration (or page mode) feature allows the enhanced configuration
device to store up to eight different sets of designs for all the FPGAs in your system.
You can then choose which page (set of configuration files) the enhanced
configuration device should use for FPGA configuration.
Dynamic configuration or the page mode feature enables you to store a minimum of
two pages: a factory default or fail-safe configuration, and an application
configuration. The fail-safe configuration page could be programmed during system
production, while the application configuration page could support remote or local
updates. These remote updates could add or enhance system features and
performance. However, with remote update capabilities comes the risk of possible
corruption of configuration data. In the event of such a corruption, the system could
automatically switch to the fail-safe configuration and avoid system downtime.
The enhanced configuration device page mode feature works with the Stratix Remote
System Configuration feature, to enable intelligent remote updates to your systems.
f For more information about remotely updating Stratix FPGAs, refer to Remote System
Configuration with Stratix & Stratix GX Devices in the Stratix Device Handbook.
The three PGM[2..0] input pins control which page is used for configuration, and
these pins are sampled at the start of each configuration cycle when OE goes high. The
page mode selection allows you to dynamically reconfigure the functionality of your
FPGA by switching the PGM[2..0] pins and asserting nCONFIG. Page 0 is defined as
the default page and the PGM[2] pin is the most significant bit (MSB).
1 The PGM[2..0] input pins must not be left floating on your board, regardless of
whether this feature is used or not. When this feature is not used, connect the
PGM[2..0]
pins to GND to select the default page 000.
The enhanced configuration device pages are dynamically sized regions in memory.
The start address and length of each page is programmed into the option-bit space of
the flash memory during initial programming. All subsequent configuration cycles
will sample the PGM[] pins and use the option-bit information to jump to the start of
the corresponding configuration page. Each page must have configuration files for all
FPGAs in your system that are connected to that enhanced configuration device.
For example, if your system requires three configuration pages and includes two
FPGAs, each page will store two SRAM Object Files (.sof) for a total of six .sof in the
configuration device.
Furthermore, all enhanced configuration device configuration schemes (PS, FPP, and
concurrent PS) are supported with the page-mode feature. The number of pages,
devices, or both, that can be configured using a single enhanced configuration device
is only limited by the size of the flash memory.
f For detailed information about the page-mode feature implementation and
programming file generation steps using the Quartus II software, refer to the Altera
Enhanced Configuration Devices chapter in volume 2 of the Configuration Handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com