Electronic Components Datasheet Search
  English  ▼

X  

EPC4 Datasheet(PDF) 1 Page - Altera Corporation

Part # EPC4
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 1 Page - Altera Corporation

  EPC4 Datasheet HTML 1Page - Altera Corporation EPC4 Datasheet HTML 2Page - Altera Corporation EPC4 Datasheet HTML 3Page - Altera Corporation EPC4 Datasheet HTML 4Page - Altera Corporation EPC4 Datasheet HTML 5Page - Altera Corporation EPC4 Datasheet HTML 6Page - Altera Corporation EPC4 Datasheet HTML 7Page - Altera Corporation EPC4 Datasheet HTML 8Page - Altera Corporation EPC4 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
1. Enhanced Configuration Devices
(EPC4, EPC8, and EPC16) Data Sheet
Features
This chapter describes the EPC4, EPC8, and EPC16 enhanced configuration devices
(EPC).
■
Single-chip configuration solution for Altera® ACEX® 1K, APEX™ 20K (including
APEX 20K, APEX 20KC, and APEX 20KE), APEX II, Arria® GX, Cyclone®, Cyclone
II, FLEX® 10K (including FLEX 10KE and FLEX 10KA), Mercury™, Stratix® II, and
Stratix II GX devices
■
Contains 4-, 8-, and 16-Mbit flash memories for configuration data storage
■
On-chip decompression feature almost doubles the effective configuration
density
■
Standard flash die and a controller die combined into single stacked chip package
■
External flash interface supports parallel programming of flash and external
processor access to unused portions of memory
■
Flash memory block/sector protection capability via external flash interface
■
Supported in EPC16 and EPC4 devices
■
Page mode support for remote and local reconfiguration with up to eight
configurations for the entire system
■
Compatible with Stratix series Remote System Configuration feature
■
Supports byte-wide configuration mode fast passive parallel (FPP); 8-bit data
output per DCLK cycle
■
Supports true n-bit concurrent configuration (n = 1, 2, 4, and 8) of Altera FPGAs
■
Pin-selectable 2-ms or 100-ms power-on reset (POR) time
■
Configuration clock supports programmable input source and frequency synthesis
■
Multiple configuration clock sources supported (internal oscillator and
external clock input pin)
■
External clock source with frequencies up to 100 MHz
■
Internal oscillator defaults to 10 MHz; Programmable for higher frequencies of
33, 50, and 66 MHz
■
Clock synthesis supported via user programmable divide counter
■
Available in the 100-pin plastic quad flat pack (PQFP) and the 88-pin Ultra
FineLine BGA® (UFBGA) packages
■
Vertical migration between all devices supported in the 100-pin PQFP package
■
Supply voltage of 3.3 V (core and I/O)
■
Hardware compliant with IEEE Std. 1532 in-system programmability (ISP)
specification
CF52002-2.8


Similar Part No. - EPC4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC4 ALTERA-EPC4 Datasheet
467Kb / 36P
SRAM-Based LUT Devices
EPC4 ALTERA-EPC4 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EPC4 ALTERA-EPC4 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
logo
Teledyne Technologies I...
EPC46N110A TELEDYNE-EPC46N110A Datasheet
155Kb / 5P
Up to 110A 460 Vac Phase Angle Controller
EPC46N70A TELEDYNE-EPC46N70A Datasheet
155Kb / 5P
Up to 110A 460 Vac Phase Angle Controller
More results

Similar Description - EPC4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
EPCS1 ALTERA-EPCS1 Datasheet
241Kb / 32P
Serial Configuration Devices
EPCS1 ALTERA-EPCS1_1 Datasheet
704Kb / 38P
Serial Configuration Devices
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
logo
Altera Corporation
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EPC16QI100N ALTERA-EPC16QI100N Datasheet
621Kb / 36P
This datasheet describes enhanced configuration (EPC) devices
EPC16UC88N ALTERA-EPC16UC88N Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EPC1441TC32N ALTERA-EPC1441TC32N Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com