Electronic Components Datasheet Search
  English  ▼

X  

EPC4 Datasheet(PDF) 24 Page - Altera Corporation

Part # EPC4
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 24 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 20Page - Altera Corporation EPC4 Datasheet HTML 21Page - Altera Corporation EPC4 Datasheet HTML 22Page - Altera Corporation EPC4 Datasheet HTML 23Page - Altera Corporation EPC4 Datasheet HTML 24Page - Altera Corporation EPC4 Datasheet HTML 25Page - Altera Corporation EPC4 Datasheet HTML 26Page - Altera Corporation EPC4 Datasheet HTML 27Page - Altera Corporation EPC4 Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
1–24
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Pin Description
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
BYTE#
Input
Flash byte-enable pin and is only available for enhanced configuration devices in
the 100-pin PQFP package.
This pin must be connected to VCC on the board even when you are not using the
external flash interface (the controller uses the flash in 16-bit mode). For Intel
flash-based EPC device, this pin is connected to the VCCQ of the Intel flash die
internally. Therefore, BYTE# must be connected directly to VCC without using any
pull-up resistor.
Notes to Table 1–9:
(1) These pins can be driven to 12 V during production testing of the flash memory. Since the controller cannot tolerate the 12-V level, connections
from the controller to these pins are not made internal to the package. Instead they are available as two separate pins. You must connect the
two pins at the board level (for example, on the printed circuit board (PCB), connect the C-WE# pin from controller to F-WE# pin from the
flash memory).
(2) For more information, refer to the Process Change Notification PCN0506: Addition of Intel Flash Memory As Source For EPC4, EPC8 and EPC16
Enhanced Configuration Devices and Using the Intel Flash Memory-Based EPC4, EPC8 and EPC16 white paper.
Table 1–10. JTAG Interface Pins and Other Required Controller Pins
Pin Name
Pin Type
Description
TDI
Input
JTAG data input pin.
Connect this pin to VCC if the JTAG circuitry is not used.
TDO
Output
JTAG data output pin.
Do not connect this pin if the JTAG circuitry is not used (leave floating).
TCK
Input
JTAG clock pin.
Connect this pin to GND if the JTAG circuitry is not used.
TMS
Input
JTAG mode select pin.
Connect this pin to VCC if the JTAG circuitry is not used.
PGM[2..0]
Input
These three input pins select one of the eight pages of configuration data to
configure the FPGAs in the system.
Connect these pins on the board to select the page specified in the Quartus II
software when generating the enhanced configuration device POF. PGM[2] is the
MSB. The default selection is page 0; PGM[2..0]=000. These pins must not be
left floating.
EXCLK
Input
Optional external clock input pin that can be used to generate the configuration
clock (DCLK).
When an external clock source is not used, connect this pin to a valid logic level
(high or low) to prevent a floating-input buffer. If EXCLK is used, toggling the
EXCLK
input pin after the FPGA enters user mode will not effect the enhanced
configuration device operation.
PORSEL
Input
This pin selects a 2-ms or 100-ms POR counter delay during power up. When
PORSEL
is low, POR time is 100 ms. When PORSEL is high, POR time is 2 ms.
This pin must be connected to a valid logic level.
TM0
Input
For normal operation, this test pin must be connected to GND.
TM1
Input
For normal operating, this test pin must be connected to VCC.
Table 1–9. External Flash Interface Pins (Part 3 of 3)
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com