| Electronic Components Datasheet Search |
|
EPC4 Datasheet(PDF) 12 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPC4 Datasheet(HTML) 12 Page - Altera Corporation |
|
12 / 34 page ![]() 1–12 Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet Functional Description Configuration Handbook (Complete Two-Volume Set) © December 2009 Altera Corporation Figure 1–3. Concurrent Configuration of Multiple FPGAs in PS Mode (n = 8) Notes to Figure 1–3: (1) Connect VCC to the same supply voltage as the configuration device. (2) The nINIT_CONF pin is available on enhanced configuration devices and has an internal pull-up resistor that is always active. This means an external pull-up resistor is not required on the nINIT_CONF/nCONFIG line. The nINIT_CONF pin does not need to be connected if its functionality is not used. If nINIT_CONF is not used, nCONFIG must be pulled to VCC either directly or through a resistor. (3) The enhanced configuration devices’ OE and nCS pins have internal programmable pull-up resistors. If internal pull-up resistors are used, external pull-up resistors should not be used on these pins. The internal pull-up resistors are used by default in the Quartus II software. To turn off the internal pull-up resistors, check the Disable nCS and OE pull-ups on configuration device option when generating programming files. (4) For PORSEL, PGM[], and EXCLK pin connections, refer to Table 1–10. (5) In the 100-pin PQFP package, you must externally connect the following pins: C-A0 to F-A0, C-A1 to F-A1, C-A15 to F-A15, C-A16 to F-A16 , and BYTE# to VCC. Additionally, you must make the following pin connections in both 100-pin PQFP and 88-pin UFBGA packages: C-RP# to F-RP#, C-WE# to F-WE#, TM1 to VCC, TM0 to GND, and WP# to VCC. (6) Connect the FPGA MSEL[] input pins to select the PS configuration mode. For details, refer to the appropriate FPGA family chapter in the Configuration Handbook. (7) To protect Intel Flash based EPC devices content, isolate the VCCW supply from VCC. For more information, refer section “Intel-Flash-Based EPC Device Protection” on page 1–15. DCLK DATA0 nSTATUS CONF_DONE nCONFIG VCC GND (3) nCE (3) FPGA0 VCC DCLK DATA0 nCONFIG nCE DCLK DATA0 GND GND FPGA1 FPGA7 Enhanced Configuration Device DCLK DATA0 OE nCS nINIT_CONF (2) WE#C RP#C WE#F RP#F A[20..0] RY/BY# CE# OE# DQ[15..0] DATA1 nSTATUS CONF_DONE nSTATUS CONF_DONE nCONFIG nCE DATA 7 N.C. N.C. N.C. N.C. N.C. (3) (3) EXCLK PORSEL PGM[2..0] GND TMO WP# VCC VCCW BYTE# (5) TM1 C-A0 (5) C-A1 (5) C-A15 (5) C-A16 (5) A0-F A1-F A15-F A16-F MSEL MSEL MSEL n n n (6) (6) (6) (1) (1) nCEO N.C. nCEO N.C. nCEO N.C. (1) (4) (4) (4) VCC (7) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |