Electronic Components Datasheet Search
  English  ▼

X  

EPC4 Datasheet(PDF) 11 Page - Altera Corporation

Part # EPC4
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 7Page - Altera Corporation EPC4 Datasheet HTML 8Page - Altera Corporation EPC4 Datasheet HTML 9Page - Altera Corporation EPC4 Datasheet HTML 10Page - Altera Corporation EPC4 Datasheet HTML 11Page - Altera Corporation EPC4 Datasheet HTML 12Page - Altera Corporation EPC4 Datasheet HTML 13Page - Altera Corporation EPC4 Datasheet HTML 14Page - Altera Corporation EPC4 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
1–11
Functional Description
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
f For configuration schematics and more information about multi-device FPP
configuration, refer to the appropriate FPGA family chapter in the Configuration
Handbook.
Passive Serial Configuration
APEX 20KC, APEX 20KE, APEX 20K, APEX II, Cyclone series, FLEX 10K, and Stratix
series devices can be configured using enhanced configuration devices in the PS
mode. This mode is similar to the FPP mode, with the exception that only one bit of
data (DATA[0]) is transmitted to the FPGA per DCLK cycle. The remaining
DATA[7..1]
output pins are unused in this mode and drive low.
The configuration schematic for PS configuration of a single FPGA or single serial
chain is identical to the FPP schematic (with the exception that only DATA[0] output
from the enhanced configuration device connects to the FPGA DATA0 input pin;
remaining DATA[7..1] pins are left floating).
f For configuration schematics and more information about multi-device PS
configuration, refer to the appropriate FPGA family chapter in the Configuration
Handbook.
Concurrent Configuration
Enhanced configuration devices support concurrent configuration of multiple FPGAs
(or FPGA chains) in PS mode. Concurrent configuration is when the enhanced
configuration device simultaneously outputs n bits of configuration data on the
DATA[n-1..0]
pins (n = 1, 2, 4, or 8), and each DATA[] line serially configures a
different FPGA (chain). The number of concurrent serial chains is user-defined via the
Quartus II software and can be any number from 1 to 8. For example, three concurrent
chains you can select the 4-bit PS mode, and connect the least significant DATA bits to
the FPGAs or FPGA chains. Leave the most significant DATA bit (DATA[3])
unconnected. Similarly, for 5-, 6-, or 7-bit concurrent chains you can select the 8-bit PS
mode.
Figure 1–3 shows the schematic for configuring multiple FPGAs concurrently in the
PS mode using an enhanced configuration device.
f For specific details about configuration interface connections including pull-up
resistor values, supply voltages, and MSEL pin settings, refer to the appropriate FPGA
family chapter in the Configuration Handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com