Electronic Components Datasheet Search
  English  ▼

X  

EPC4 Datasheet(PDF) 9 Page - Altera Corporation

Part # EPC4
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 9 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 5Page - Altera Corporation EPC4 Datasheet HTML 6Page - Altera Corporation EPC4 Datasheet HTML 7Page - Altera Corporation EPC4 Datasheet HTML 8Page - Altera Corporation EPC4 Datasheet HTML 9Page - Altera Corporation EPC4 Datasheet HTML 10Page - Altera Corporation EPC4 Datasheet HTML 11Page - Altera Corporation EPC4 Datasheet HTML 12Page - Altera Corporation EPC4 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
1–9
Functional Description
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Configuration Signals
Table 1–4 lists the configuration signal connections between the enhanced
configuration device and Altera FPGAs.
Fast Passive Parallel Configuration
Stratix series and APEX II devices can be configured using the enhanced
configuration device in FPP mode. In this mode, the enhanced configuration device
sends a byte of data on the DATA[7..0] pins, which connect to the DATA[7..0]
input pins of the FPGA, per DCLK cycle. Stratix series and APEX II FPGAs receive
byte-wide configuration data per DCLK cycle. Figure 1–2 shows the enhanced
configuration device in FPP configuration mode. In this figure, the external flash
interface is not used and hence most flash pins are left unconnected (with the few
noted exceptions). For specific details about configuration interface connections
including pull-up resistor values, supply voltages, and MSEL pin settings, refer to the
appropriate FPGA family chapter in the Configuration Handbook.
Table 1–4. Configuration Signals
Enhanced
Configuration
Device Pin
Altera FPGA Pin
Description
DATA[]
DATA[]
Configuration data transmitted from the configuration
device to the FPGA, which is latched on the rising edge of
DCLK
.
DCLK
DCLK
Configuration device generated clock used by the FPGA to
latch configuration data provided on the DATA[] pins.
nINIT_CONF,
which
nCONFIG
Open-drain output from the configuration device that is
used to start FPGA reconfiguration using the initiate
configuration (INIT_CONF) JTAG instruction. This
connection is not needed if the INIT_CONF JTAG
instruction is not needed. If nINIT
_CONF is not
connected to nCONFIG, nCONFIG must be tied to VCC
either directly or through a pull-up resistor.
OE
nSTATUS
Open-drain bidirectional configuration status signal,
which is driven low by either device during POR and to
signal an error during configuration. Low pulse on OE
resets the enhanced configuration device controller.
nCS
CONF
_DONE
Configuration done output signal driven by the FPGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com