Electronic Components Datasheet Search
  English  ▼

X  

EPC4 Datasheet(PDF) 28 Page - Altera Corporation

Part # EPC4
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 28 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 24Page - Altera Corporation EPC4 Datasheet HTML 25Page - Altera Corporation EPC4 Datasheet HTML 26Page - Altera Corporation EPC4 Datasheet HTML 27Page - Altera Corporation EPC4 Datasheet HTML 28Page - Altera Corporation EPC4 Datasheet HTML 29Page - Altera Corporation EPC4 Datasheet HTML 30Page - Altera Corporation EPC4 Datasheet HTML 31Page - Altera Corporation EPC4 Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
1–28
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
IEEE Std. 1149.1 (JTAG) Boundary-Scan
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
IEEE Std. 1149.1 (JTAG) Boundary-Scan
The enhanced configuration device provides JTAG BST circuitry that complies with
the IEEE Std. 1149.1-1990 specification. JTAG boundary-scan testing can be performed
before or after configuration, but not during configuration.
Figure 1–6 shows the timing requirements for the JTAG signals.
Table 1–13 lists the timing parameters and values for the enhanced configuration
device.
Figure 1–6. JTAG Timing Waveforms
TDO
TCK
tJPZX
tJPCO
tJPH
tJPXZ
tJCP
tJPSU
tJCL
tJCH
TDI
TMS
Signal
to be
Captured
Signal
to be
Driven
tJSZX
tJSSU
tJSH
tJSCO
tJSXZ
Table 1–13. JTAG Timing Parameters and Values
Symbol
Parameter
Min
Max
Unit
tJCP
TCK
clock period
100
—
ns
tJCH
TCK
clock high time
50
—
ns
tJCL
TCK
clock low time
50
—
ns
tJPSU
JTAG port setup time
20
—
ns
tJPH
JTAG port hold time
45
—
ns
tJPCO
JTAG port clock output
—
25
ns
tJPZX
JTAG port high impedance to valid output
—
25
ns
tJPXZ
JTAG port valid output to high impedance
—
25
ns
tJSSU
Capture register setup time
20
—
ns
tJSH
Capture register hold time
45
—
ns
tJSCO
Update register clock to output
—
25
ns
tJSZX
Update register high-impedance to valid output
—
25
ns
tJSXZ
Update register valid output to high impedance
—
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com