Electronic Components Datasheet Search
  English  ▼

X  

SC493 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC493
Description  EcoSpeedTM Step-down Controller with I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493 Datasheet(HTML) 4 Page - Semtech Corporation

  SC493 Datasheet HTML 1Page - Semtech Corporation SC493 Datasheet HTML 2Page - Semtech Corporation SC493 Datasheet HTML 3Page - Semtech Corporation SC493 Datasheet HTML 4Page - Semtech Corporation SC493 Datasheet HTML 5Page - Semtech Corporation SC493 Datasheet HTML 6Page - Semtech Corporation SC493 Datasheet HTML 7Page - Semtech Corporation SC493 Datasheet HTML 8Page - Semtech Corporation SC493 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SC493
4
Electrical Characteristics (continued)
Parameter
Symbol
Condition
Min
Typ
Max
Units
Startup
Initialization Time (2)
t
INIT
Delay before the I2C bus and the Power-on
delay ramp are enabled
1
ms
Soft-Start Time Accuracy
t
SS
-20
+20
%
Power-on Delay Time Accuracy
t
DLY
-20
+20
%
Powersave
Zero-Crossing Detector Threshold
VT
ZC
V
LX - PGND
-3
0
+3
mV
UPSV mode Frequency
f
UPSV
UPSV enabled, UPSV1 = 1, UPSV0 = 1
20
25
30
kHz
Power Good
PGD Rising Threshold
VT
PGD_RISE
FB with respect to set point, under voltage,
and over voltage
90/120
%
PGD Falling Threshold
VT
PGD_FALL
FB with respect to set point, under voltage,
and over voltage
80/110
%
PGD Leakage
ILEAK
PGD
Device operating, no fault, V
PGD=VVDD(1)
1
µA
PGD Output Low Voltage
V
PGD_LOW
I
PGD=3mA
0.4
V
Fault Protection
I
LIM Source Current
I
LIM
9
10
11
μA
I
LIM Temperature Coefficient
TC
ILIM
3000
ppm
I
LIM Comparator Offset
VOFF
ILIM
-10
0
+10
mV
Output Under-Voltage Fault
VT
UV
FB with respect to set point,
8 consecutive switching cycles
70
%
Output Over-Voltage Fault
VT
OV
FB with respect to set point rising/ falling
120
%
Over-Voltage Fault Delay(2)
t
DLY_OV
5
μs
Smart Power-save Protection Threshold(2)
VT
SMRTPSV
FB with respect to set point rising
110
%
Over-Temperature Shutdown
T
OT
Rising T
J
160
°C
Over-Temperature Hysteresis
T
OT_HYS
10
°C
Analog Inputs and Outputs
V
OUT Input Resistance
R
VOUT
Controller enabled
500k
Ω
Controller disabled/internal load enabled
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com