Electronic Components Datasheet Search
  English  ▼

X  

SC493 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC493
Description  EcoSpeedTM Step-down Controller with I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC493 Datasheet HTML 14Page - Semtech Corporation SC493 Datasheet HTML 15Page - Semtech Corporation SC493 Datasheet HTML 16Page - Semtech Corporation SC493 Datasheet HTML 17Page - Semtech Corporation SC493 Datasheet HTML 18Page - Semtech Corporation SC493 Datasheet HTML 19Page - Semtech Corporation SC493 Datasheet HTML 20Page - Semtech Corporation SC493 Datasheet HTML 21Page - Semtech Corporation SC493 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
SC493
18
Applications Information (continued)
Stability Considerations
Unstable operation occurs in two related but distinctly dif-
ferent ways — double-pulsing and fast-feedback loop insta-
bility. Double-pulsing occurs due to switching noise seen at
the FB input or because the FB ramp voltage is too low. This
causes the high side to turn on prematurely after the 250ns
minimum off-time has been completed. Double-pulsing
will result in higher ripple voltage at the output, but in most
applications will not adversely affect operation. However, In
some cases double-pulsing can indicate the presence of
loop instability, which is caused by insufficient ESR.
The best method for checking stability is to apply a zero-to-
full load transient and observe the output voltage ripple
envelope for overshoot and ringing. Over one cycle of
ringing after the initial step is an indication that the ESR
should be increased. One simple way to solve this problem
is to add trace resistance in the high current output path. A
side effect of adding trace resistance is output voltage
droop with load.
The on-time control regulates the valley of the output
ripple voltage. This ripple voltage consists of a term gener-
ated by the ESR of the output capacitor and a term based
upon the capacitance charging and discharging during
the switching cycle. A minimum ESR is required to gener-
ate the required ripple voltage for regulation. For stability
the ESR zero of the output capacitor should be lower than
approximately one-third of the switching frequency. The
formula for minimum ESR is shown by the next equation.
SW
OUT
MIN
f
C
2
3
ESR
Where f
SW is the switching frequency.
For applications using ceramic output capacitors, the ESR
is normally too small to meet the above ESR criteria. In
these applications it is necessary to add a small virtual ESR
network composed of two capacitors and one resistor, as
shown in the Figure 5.
R1
R2
FB
pin
CC
COUT
L
Low-side
CL
RL
High-side
Figure 5 – Virtual ESR Network
This network creates a ramp voltage across C
L which is
analogous to the ramp voltage generated across the ESR
of a standard capacitor. This ramp is then capacitively
coupled into the FB pin via capacitor C
C. This circuit is ana-
lyzed as follows. The AC equivalent circuit used to calcu-
late the injected signal at FB pin is shown in Figure 6
(without considering the output ripple voltage).
R1
R2
FB pin
CC
CL
RL
VSW
VINJ
VRIPPLE
Figure 6 – AC Equivalent Circuit
The DC voltage at V
RIPPLE is the same as VSW, which is the
same as V
OUT. The current through resistance RL during the
on time is shown by the next equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com