Electronic Components Datasheet Search
  English  ▼

X  

SC493 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC493
Description  EcoSpeedTM Step-down Controller with I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493 Datasheet(HTML) 1 Page - Semtech Corporation

  SC493 Datasheet HTML 1Page - Semtech Corporation SC493 Datasheet HTML 2Page - Semtech Corporation SC493 Datasheet HTML 3Page - Semtech Corporation SC493 Datasheet HTML 4Page - Semtech Corporation SC493 Datasheet HTML 5Page - Semtech Corporation SC493 Datasheet HTML 6Page - Semtech Corporation SC493 Datasheet HTML 7Page - Semtech Corporation SC493 Datasheet HTML 8Page - Semtech Corporation SC493 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2010 Semtech Corporation
SC493
EcoSpeedTM Step-down Controller
with I2C Interface
POWER MANAGEMENT
1
Features
Input supply voltage range — 3.0V to 28V
Controller supply voltage range — 3.0V to 5.5V
All ceramic solution enabled
I2C interface
Output voltage fine adjust control
Output voltage margining
Supports dynamic voltage transitions via the I2C
interface
Programmable power-on delay time and soft-start time
EcoSpeedTM architecture with pseudo fixed-frequency
adaptive on-time control
Switching frequency programmable up to 1MHz
Selectable power save, including ultrasonic
Non-synchronous start-up into pre-biased loads
Over-voltage/under-voltage fault protection
Smart power save
Power good Output
Smart driveTM
Status register monitoring device operation
Ultra-thin package — 3 x 3 x 0.6 (mm), 20 pin MLPQ-UT
Lead-free and halogen-free
WEEE and RoHS compliant
Applications
Printers
Computer peripherals
Description
The SC493 is a synchronous EcoSpeedTM buck power supply
controller. It features an I2C interface and a bootstrap switch in
a space-saving MLPQ 3X3-20 pin package. The SC493 uses
Semtech’s advanced patented adaptive on-time control archi-
tecture to provide excellent light load efficiency and fast tran-
sient response with small external components.
The I2C interface is used to program the output voltage
offset, the power-on delay time, the soft-start time, the
power save operating mode, and it can enable/disable the
controller. Additionally, a status register provides informa-
tion on device state and faults.
The controller is capable of operating with all ceramic solu-
tions and switching frequencies up to 1MHz. The program-
mable frequency and selectable power save mode offer the
flexibility to optimize the controller for high efficiency and
small size.The power save mode can be enabled to maximize
efficiency over the entire load range (PSAVE), or switched to
ultrasonic mode to set the minimum frequency to the desired
value (UPSAVE). Power save mode can be disabled for opera-
tion in continuous conduction mode at all loads.
Additional features include output voltage margining,
cycle-by-cycle current limit, output voltage soft-start, over
and under-voltage protection, controller over-tempera-
ture protection, and output voltage soft-shutdown when
disabled. The SC493 also provides a power good output.
A0
LX
PGD
SC493
CIN
L
COUT
VOUT
SCL
SDA
A1
A2
DL
CBST
BST
Q2
R3
R2
R1
Q1
RILIM
R4
R5
EN
VIN
PGD
SCL
SDA
EN
VDD
Typical Application Circuit
June 10, 2010
US Patent: 7,714,547 B2


Similar Part No. - SC493

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4901 SEMTECH-SC4901 Datasheet
586Kb / 20P
COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
SC4901ITSTRT SEMTECH-SC4901ITSTRT Datasheet
586Kb / 20P
COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
SC4905AIMSTR SEMTECH-SC4905AIMSTR Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
More results

Similar Description - SC493

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC173A SEMTECH-SC173A Datasheet
663Kb / 26P
3A EcoSpeedTM Synchronous Step-Down Regulator with Automatic Power Save
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
MP8845 MPS-MP8845 Datasheet
1Mb / 23P
5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
5A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
6A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8865-Q-00A MPS-EV8865-Q-00A Datasheet
458Kb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
logo
Richtek Technology Corp...
RT8088A RICHTEK-RT8088A Datasheet
236Kb / 16P
2.7MHz 3A Step-Down Converter with I2C Interface
August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com