Electronic Components Datasheet Search
  English  ▼

X  

SC493 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC493
Description  EcoSpeedTM Step-down Controller with I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC493 Datasheet HTML 4Page - Semtech Corporation SC493 Datasheet HTML 5Page - Semtech Corporation SC493 Datasheet HTML 6Page - Semtech Corporation SC493 Datasheet HTML 7Page - Semtech Corporation SC493 Datasheet HTML 8Page - Semtech Corporation SC493 Datasheet HTML 9Page - Semtech Corporation SC493 Datasheet HTML 10Page - Semtech Corporation SC493 Datasheet HTML 11Page - Semtech Corporation SC493 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SC493
8
Typical Characteristics (continued)
Soft Start — EN Pin
EN (5V/div)
V
IN = 5V, VOUT = 1.8V, Soft Start = 1ms, Power-on Delay = 0ms
Time (500μs/div)
V
OUT (500mV/div)
PGOOD (5V/div)
Soft Start — I2C
SCL (5V/div)
V
IN = 5V, VOUT = 1.8V, Soft Start = 2ms, Power-on Delay = 2ms
Time (1ms/div)
V
OUT (500mV/div)
PGOOD (5V/div)
Load Transient Response
I
OUT
(5A/div)
V
IN = 5V, VOUT = 1.2V, fSW = 1MHz, L = 0.2μH, C = 220μF
Time (500μs/div)
V
OUT (20mV/div)
Output Over Current Response — Normal Operation
I
L (10A/div)
V
IN = 5V, VOUT = 1.8V, fSW = 1MHz, L = 0.2μH, C = 1000μF
Time (20μs/div)
PGOOD (5V/div)
LX (5V/div)
V
OUT (1V/div)
Switching — Ultrasonic PSAVE Mode
V
OUT (20mV/div)
V
IN = 5V, VOUT = 1.8V, fSW = 500kHz, No load
Time (4μs/div)
DH (5V/div)
DL (5V/div)
Switching — Forced Continuous Mode
LX (5V/div)
V
IN = 5V, VOUT = 1.8V, fSW = 1MHz, Load = 3A
Time (1μs/div)
V
OUT (20mV/div)
V
FB (20mV/div)
I
OUT = 20A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com