Electronic Components Datasheet Search
  English  ▼

X  

SC493 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC493
Description  EcoSpeedTM Step-down Controller with I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC493 Datasheet HTML 2Page - Semtech Corporation SC493 Datasheet HTML 3Page - Semtech Corporation SC493 Datasheet HTML 4Page - Semtech Corporation SC493 Datasheet HTML 5Page - Semtech Corporation SC493 Datasheet HTML 6Page - Semtech Corporation SC493 Datasheet HTML 7Page - Semtech Corporation SC493 Datasheet HTML 8Page - Semtech Corporation SC493 Datasheet HTML 9Page - Semtech Corporation SC493 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SC493
6
Electrical Characteristics (continued)
Parameter
Symbol
Condition
Min
Typ
Max
Units
Gate Drivers
Shoot-Through Protection Delay(2)
t
PROT
DH or DL Rising
30
ns
DL Pull-Down Resistance
R
DL_DOWN
DL Low
0.3
0.6
Ω
DL Sink Current
I
DL_SINK
V
DL = 2.5V
8.3
A
DL Pull-Up Resistance
R
DL_UP
DL High
1
2
Ω
DL Source Current
I
DL_SOURCE
V
DL = 2.5V
2.5
A
DH Pull-Down Resistance
R
DH_DOWN
DH Low, BST-LX = 5V
0.6
1.2
Ω
DH Sink Current
I
DH_SINK
V
DH - LX = 2.5V
4.2
A
DH Pull-Up Resistance
R
DH_UP
DH High, BST-LX = 5V
1
2
Ω
DH Source Current
I
DH_SOURCE
V
DH - LX = 2.5V
2.5
A
Note:
(1) VDD refers to both AVDD and PVDD
(2) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com