Electronic Components Datasheet Search
  English  ▼

X  

SC493 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC493
Description  EcoSpeedTM Step-down Controller with I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC493 Datasheet HTML 18Page - Semtech Corporation SC493 Datasheet HTML 19Page - Semtech Corporation SC493 Datasheet HTML 20Page - Semtech Corporation SC493 Datasheet HTML 21Page - Semtech Corporation SC493 Datasheet HTML 22Page - Semtech Corporation SC493 Datasheet HTML 23Page - Semtech Corporation SC493 Datasheet HTML 24Page - Semtech Corporation SC493 Datasheet HTML 25Page - Semtech Corporation SC493 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
SC493
22
Switching and Status Control — Register 1
Name
Bit
Description
Description
ENSW
01h[0]
Enable Switching
This bits controls whether the output is enabled or not.
0: The output is disabled, both high side and low side switches are off.
1: power-on delay and soft start process can start when this bit is 1 and the EN pin is pulled
high.
CLF
01h[1]
Clear Fault Status
Set to clear fault indicator flags (UVO, OVO, OT, ILIM, BO, & DNS). This bit is self clearing.
EnIntLd
01h{2}
Enable Internal Load
Set to enable internal pull down on VOUT when slewing down.
Timing Control — Registers 2 and 3
These registers provide software control over key timing parameters of the controller: frequency setting (Freq), Power-
On Delay (POD) time, Soft-Start Time (SST) setting, power save (PSV) mode control, and minimum switching frequency
in Ultrasonic Power Save (UPSV) mode. The details of each setting are listed in the table below.
Name
Bit
Definition
Description
Freq1
Freq0
02h
[1:0]
Frequency Setting
2 bits that control the switching frequency from 250kHz to 1MHz.
00 : 250kHz
01 : 500kHz
10 : 750kHz
11 : 1MHz
POD2
POD1
POD0
02h
[4:2]
Power-on Delay Time
3 bits that control the power-on delay from 0μs to 16ms.
000 : 0
μs
001 : 250
μs
010 : 500
μs
011 : 1000
μs
100 :
2ms
101 : 4
ms
110 : 8
ms
111 : 16ms
SST2
SST1
SST0
03h
[4:2]
Soft Start Time Setting
3 bits that control the soft start time from 250μs to 16ms.
000 : 250
μs
001 : 500
μs
010 : 1000
μs
011 :
2ms
100 : 4ms
101 : 8ms
110 : 16ms
111 : 16ms
PSV1
PSV0
03h
[1:0]
Power Save Mode Control
These bits control whether the device is permitted to enter power save when input, output,
and load conditions dictate. If permitted to enter power save, they also control what mode of
power save the part can enter.
00 : PSAVE is disabled
01 : PSAVE enabled (low I
Q , no ultrasonic mode)
10 : UPSAVE enabled (ultrasonic mode)
11 : PSAVE is disabled
Definition of Registers and Bits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com