Electronic Components Datasheet Search
  English  ▼

X  

SC493 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC493
Description  EcoSpeedTM Step-down Controller with I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC493 Datasheet HTML 6Page - Semtech Corporation SC493 Datasheet HTML 7Page - Semtech Corporation SC493 Datasheet HTML 8Page - Semtech Corporation SC493 Datasheet HTML 9Page - Semtech Corporation SC493 Datasheet HTML 10Page - Semtech Corporation SC493 Datasheet HTML 11Page - Semtech Corporation SC493 Datasheet HTML 12Page - Semtech Corporation SC493 Datasheet HTML 13Page - Semtech Corporation SC493 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SC493
10
Pin Descriptions
Pin #
Pin Name
Pin Function
1
VOUT
Output voltage
2
FB
Feedback pin
3
AVDD
Chip supply voltage
4
SDA
I2C data input/output
5
SCL
I2C clock input
6
EN
Enable pin
7
VIN
Power stage input voltage
8
DH
High side gate driver pin
9
BST
Bootstrap pin — a capacitor is connected from BST to LX to develop the bias voltage for the high side gate
drive.
10
LX
Switching (phase) node — connect to the switching side of the power inductor.
11
NC
No Connect
12
DL
Low side gate driver pin
13
PGND
Power ground
14
PVDD
Supply voltage for driver
15
PGOOD
Power good
16
ILIM
Current limit sense point — to program the current limit connect a resistor from ILIM to LX
17
A2
Input for bit 2 of the I2C device address
18
A1
Input for bit 1 of the I2C device address
19
A0
Input for bit 0 of the I2C device address
20
AGND
Analog ground
PAD
Thermal pad for heat sinking purposes — connect to ground plane using multiple vias — not connected
internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com