Electronic Components Datasheet Search
  English  ▼

X  

SC493 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC493
Description  EcoSpeedTM Step-down Controller with I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC493 Datasheet HTML 19Page - Semtech Corporation SC493 Datasheet HTML 20Page - Semtech Corporation SC493 Datasheet HTML 21Page - Semtech Corporation SC493 Datasheet HTML 22Page - Semtech Corporation SC493 Datasheet HTML 23Page - Semtech Corporation SC493 Datasheet HTML 24Page - Semtech Corporation SC493 Datasheet HTML 25Page - Semtech Corporation SC493 Datasheet HTML 26Page - Semtech Corporation SC493 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
SC493
23
Name
Bit
Definition
Description
UPSV1
UPSV0
03h
[5]
02h
[5]
Ultrasonic Power Save
Frequency
2 bits that control the nominal minimum switching frequency in ultrasonic mode.
00 : 6.25kHz
01 : 12.5kHz
10 : 18.75kHz
11 : 25kHz
Output Voltage Control — Registers 4 and 6
These registers provide fine & coarse control over the output voltage. Margin bits can vary the the output by +/-10% in
5% steps. VFBadj can move the output by +/-9% in 0.75% steps. When both registers are used together, the change in
the output voltage is determined by the multiplication of the 2 settings, i.e., setting Margin to +10% with +9% VFBadj
will change the output by +19.9% whereas a setting Margin to +10% with -9% VFBadj will change the output by
+0.1%.
Name
Bit
Definition
Description
VFBadj4
VFBadj3
VFBadj4
VFBadj1
VFBadj0
04h[4:0]
Output Voltage
Adjustment
000xx : -9%
00100 : -8.25%
00101 : -7.50%
00110 : -6.75%
00111 : -6%
01000 : -5.25%
01001 : -4.50%
01010 : -3.75%
01011 : -3%
01100 : -2.25%
01101 : -1.50%
01110 : -0.75%
01111 : -0%
10000 : -0%
10001 : +0.75%
10010 : +1.50%
10011 : +2.25%
10100 : +3%
10101 : +3.75%
10110 : +4.50%
10111 : +5.25%
11000 : +6%
11001 : +6.75%
11010 : +7.50%
11011 : +8.25%
111xx : +9%
Margin1
Margin0
06h[2:0]
Margin Control
These bits control whether margining is disabled, set to high or set to low.
000 : Margining disabled
001 : Set output to 10% below set value
010 : Set output to 5% below set value
011 : Margining disabled
100 : Margining disabled
101 : Set output to 5% above set value
110 : Set output to 10% above set value
111 : Margining disabled
Definition of Registers and Bits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com