Electronic Components Datasheet Search
  English  ▼

X  

SC493 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC493
Description  EcoSpeedTM Step-down Controller with I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC493 Datasheet HTML 8Page - Semtech Corporation SC493 Datasheet HTML 9Page - Semtech Corporation SC493 Datasheet HTML 10Page - Semtech Corporation SC493 Datasheet HTML 11Page - Semtech Corporation SC493 Datasheet HTML 12Page - Semtech Corporation SC493 Datasheet HTML 13Page - Semtech Corporation SC493 Datasheet HTML 14Page - Semtech Corporation SC493 Datasheet HTML 15Page - Semtech Corporation SC493 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
SC493
12
General Description
The SC493 is a step down synchronous buck DC-DC
controller optimized for use in 3.3V/5V input small form-
factor applications. It has the following key features:
I2C control over output voltage offset, margin-
ing, power-on delay, switching frequency, soft-
start duration, and power save mode.
Integrated bootstrap switch
Programmable switching frequency from 250kHz
to 1MHz to optimize board space and efficiency.
Protection features — over-current, over-voltage,
under-voltage, and over-temperature
Power save operation — low quiescent current
and ultrasonic power save
Status and flag bits for diagnosis and protection
purposes
Supports 25A operation
I2C Compatible Interface Functions
The I2C interface can be used to read & write the following
functions:
Shutdown/Start-up of output
Power-on delay and soft-start duration
Output voltage offset and margining
Power save mode
Switching frequency
Additionally, the I2C interface can be used to read status
and flag bits for the following functions:
Under voltage
Over voltage
Over temperature
Current limit
Brown out
Did not start
Discontinuous mode
Power good
Status and Flag Bits
The status and flag bits are used to indicate the status of
the converter. The status bits always indicate the current
state of the converter — the status bit becomes high
when the specified condition happens and turns low
when the specified condition disappears. The flag bits also
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
become high when the specified condition happens, but
will not turn low when the specified condition disappears.
For the above mentioned status and flag bits, only discon-
tinuous mode and power good are status bits, the rest of
them are all flag bits. The flag bits remain set until one of
the following events occurs:
The input voltage is cycled
EN pin is cycled
CLF bit is set
Enable/Disable
The converter is enabled by applying power to VDD
(VDD when used refers to AVDD and PVDD together) and
VIN, and pulling the EN pin high. The output voltage will
rise to the voltage programmed by the FB pin and the
external FB network. Pulling the EN pin low turns the
converter off and clears all flag bits. The converter can
also be turned on/off via the I2C interface. When the EN
pin is high, setting the ENSW bit low will turn off the
converter, but the flag bits will not be cleared. Setting the
ENSW bit back high will turn on the converter again.
Diagnosis and Protection Features
When the device detects fault conditions, the SC493 sets
the flag bits indicating what fault conditions have
occurred. In addition, depending upon what kind of faults
have been detected, the SC493 will provide appropriate
actions to safeguard the device from catastrophic failures.
The following paragraphs describe how these fault condi-
tions are handled by the SC493.
Did Not Start Indication
If the FB voltage does not rise to 90% of nominal voltage
after the converter is enabled, the soft-start duration has
passed, and the power good delay has elapsed, the Did
Not Start (DNS) flag bit is set. Note that the converter does
not latch off just because this bit is set.
Output Over Voltage Protection
When the FB pin voltage exceeds 120% of the nominal
voltage, DL goes high, forcing the low-side MOSFET on,
and the OVO flag bit is set. The low side MOSFET stays on
(and the high side MOSFET remains off) until the output
voltage comes back into regulation. However, the CLF bit
will successfully clear the OVO flag as soon as the FB falls
below 120% of the normal voltage. The converter does not
•
•
•
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com