Electronic Components Datasheet Search
  English  ▼

X  

SC493 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC493
Description  EcoSpeedTM Step-down Controller with I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC493 Datasheet HTML 11Page - Semtech Corporation SC493 Datasheet HTML 12Page - Semtech Corporation SC493 Datasheet HTML 13Page - Semtech Corporation SC493 Datasheet HTML 14Page - Semtech Corporation SC493 Datasheet HTML 15Page - Semtech Corporation SC493 Datasheet HTML 16Page - Semtech Corporation SC493 Datasheet HTML 17Page - Semtech Corporation SC493 Datasheet HTML 18Page - Semtech Corporation SC493 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
SC493
15
Ultrasonic Power-save
When ultrasonic PSAVE is enabled (PSV1,0 =10) the
minimum operating frequency in power save for the
SC493 is set by UPSV1,0 bits . This is accomplished by
using a built-in timer that detects the time between con-
secutive high-side gate pulses.
As soon as the time exceeds the the programmed upper
limit, the bottom gate is turned on. This prevents the con-
troller from going below the set limit in frequency when
the power save is enabled. Figure 2 shows ultrasonic
power-save operation.
FB Ripple
Voltage (VFB)
FB threshold
(500mV)
Inductor
Current
DH
DL
(0A)
40µsec time-out
Minimum FSW ~ 20kHz
After the 40µsec time-out, DL drives high if VFB
has not reached the FB threshold.
DH On-Time is triggered when
VFB reaches the FB Threshold
On-time
(TON)
Figure 2 — Ultrasonic Power-save (UPSV 1,0 = 11)
Power Good Output
The Power Good (PGD) output is an open-drain output
which requires a pull-up resistor. When the FB voltage falls
lower than 80% (typical) of the nominal voltage, PGD is
pulled low. It is held low until the FB voltage rises above
90% (typical) of the nominal voltage. PGD is held low
during start-up and will not be allowed to transition high
until soft-start is completed. PGD also transitions low if the
FB voltage rises above 120% (typical) of the nominal
voltage, it is held low until the FB voltage drops below 110%
(typical) of the nominal voltage.
UVLO and POR
Under-Voltage Lockout (UVLO) circuitry inhibits switching
and tri-states the output until VDD rises above 2.8V. An
internal Power-On Reset (POR) occurs until VDD exceeds
2.8V, which resets the internal registers, enables the I2C
interface, and resets the soft-start circuitry.
Smart Power-save Protection
Active loads may leak current from a higher voltage into
the switcher output. Under light load conditions with
power-save enabled, this can force V
OUT to slowly rise and
reach the over-voltage threshold. Smart power-save pre-
vents this condition. When the FB voltage exceeds 10%
above nominal (exceeds 550mV), the device immediately
disables power-save, and DL drives high to turn on the
low-side MOSFET. This draws current from V
OUT through
the inductor and causes V
OUT to fall. When VFB drops back
to the 500mV trip point, a normal T
ON switching cycle
begins. This method prevents an OVP fault and also cycles
energy from V
OUT back to VIN. The device will return to
power-save operation on the next switching cycle if the
load remains light. Smart Power-Save allows the user to
minimize operating power by allowing the use of power
save mode in load conditions that would normally require
the use of forced continuous conduction mode. Figure 3
shows typical waveforms for the Smart Power-save
feature.
FB
threshold
High-side
Drive (DH)
Low-side
Drive (DL)
VOUT drifts up to due to leakage
current flowing into COUT
DH and DL off
DL turns on when Smart
PSAVE threshold is reached
Smart Power Save
Threshold (550mV)
DL turns off when FB
threshold is reached
Single DH on-time pulse
after DL turn-off
VOUT discharges via inductor
and low-side MOSFET
Normal DL pulse after DH
on-time pulse
Normal VOUT ripple
Figure 3 — Smart Power-save
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com