Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA128D4 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 59Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 60Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 61Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 62Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 63Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 64Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 65Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 66Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
63
8135G–AVR–08/10
XMEGA D4
31.6
Analog Comparator Characteristics
31.7
Bandgap Characteristics
31.8
Brownout Detection Characteristics
Note:
1. BOD is calibrated to BOD level 0 at 85
°C, and BOD level 0 is the default level.
Table 31-7.
Analog Comparator Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
off
Input Offset Voltage
V
CC = 1.6 - 3.6V
< ±10
mV
Ilk
Input Leakage Current
VCC = 1.6 - 3.6V
< 1000
pA
Vhys1
Hysteresis, No
VCC = 1.6 - 3.6V
0
mV
V
hys2
Hysteresis, Small
V
CC = 1.6 - 3.6V
20
Vhys3
Hysteresis, Large
VCC = 1.6 - 3.6V
40
tdelay
Propagation delay
VCC = 1.6 - 3.6V
175
ns
Table 31-8.
Bandgap Voltage Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Bandgap Startup Time
As reference for ADC
1 Clk_PER + 2.5µs
µs
As input to AC or ADC
1.5
Bandgap voltage
1.1
V
ADC ref
T= 85°C, After calibration
0.99
1
1.01
1
Variation over voltage and temperature
V
CC = 1.6 - 3.6V, TA = -40°C to 85°C±5
%
Table 31-9.
Brownout Detection Characteristics
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
BOD level 0 falling Vcc
1.62
V
BOD level 1 falling Vcc
1.9
BOD level 2 falling Vcc
2.17
BOD level 3 falling Vcc
2.43
BOD level 4 falling Vcc
2.68
BOD level 5 falling Vcc
2.96
BOD level 6 falling Vcc
3.22
BOD level 7 falling Vcc
3.49
Hysteresis
BOD level 0-5
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com