Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA128D4 Datasheet(PDF) 90 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 86Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 87Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 88Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 89Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 90Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 91Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 92Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 93Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 100 page
background image
90
8135G–AVR–08/10
XMEGA D4
33. Errata
33.1
ATxmega32D4, ATxmega16D4 rev. A
• Flash Power Reduction Mode can not be enabled when entering sleep mode
• Bandgap voltage input for the ACs cannot be changed when used for both ACs simultaneously
• Bandgap measurement with the ADC is non-functional when V
CC is below 2.7V
• ADC gain stage cannot be used for single conversions
• ADC gain stage output range is limited to 2.4V
• ADC has increased INL error for some operating conditions
• ADC propagation delay is not correct when 8x-64x gain is used
• BOD will be enabled after any reset
• VCC voltage scaler for AC is non-linear
• TWIE is not available
• Inverted I/O enable does not affect Analog Comparator Output
1.
Flash Power Reduction Mode can not be enabled when entering sleep mode
If Flash Power Reduction Mode is enabled when a deep sleep mode, the device will only
wake up on every fourth wake-up request.
If Flash Power Reduction Mode is enabled when entering Idle sleep mode, the wake-up time
will vary with up to 16 CPU clock cycles.
Problem fix/Workaround
Disable Flash Power Reduction mode before entering sleep mode.
2.
Bandgap voltage input for the ACs cannot be changed when used for both ACs
simultaneously
If the bandgap voltage is selected as input for one Analog Comparator (AC) and then
selected/deselected as input for the another AC, the first comparator will be affected for up
to 1 us and could potentially give a wrong comparison result.
Problem fix/Workaround
If the Bandgap is required for both ACs simultaneously, configure the input selection for both
ACs before enabling any of them.
3.
Bandgap measurement with the ADC is non-functional when V
CC is below 2.7V
The ADC cannot be used to do bandgap measurements when V
CC is below 2.7V.
Problem fix/Workaround
If internal voltages must be measured when V
CC is below 2.7V, measure the internal 1.00V
reference instead of the bandgap.
4.
ADC gain stage cannot be used for single conversion
The ADC gain stage will not output correct result for single conversions that is triggered and
started from software or the event system.
Problem fix/Workaround
When the gain stage is used, the ADC must be set in free running mode for correct results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com