Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA128D4 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 39Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 40Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 45Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 46Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
43
8135G–AVR–08/10
XMEGA D4
24.3
Input Selection
The Analog comparators have a very flexible input selection and the two comparators grouped
in a pair may be used to realize a window function. One pair of analog comparators is shown in
Figure 24-1 on page 42.
• Input selection from pin
– Pin 0, 1, 2, 3, 4, 5, 6 selectable to positive input of analog comparator
– Pin 0, 1, 3, 5, 7 selectable to negative input of analog comparator
• Internal signals available on positive analog comparator inputs
• Internal signals available on negative analog comparator inputs
– 64-level scaler of the VCC, available on negative analog comparator input
– Bandgap voltage reference
24.4
Window Function
The window function is realized by connecting the external inputs of the two analog comparators
in a pair as shown in Figure 24-2.
Figure 24-2. Analog comparator window function
AC0
+
-
AC1
+
-
Input signal
Upper limit of window
Lower limit of window
Interrupt
sensitivity
control
Interrupts
Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com