Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA128D4 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 70Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 71Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 72Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 73Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 74Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 75Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 76Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 77Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
74
8135G–AVR–08/10
XMEGA D4
32.3
Power-down Supply Current
Figure 32-15. Power-down Supply Current vs. Temperature
Figure 32-16. Power-down Supply Current vs. Temperature
With WDT and sampled BOD enabled.
3.3 V
3.0 V
2.7 V
2.2 V
1.8 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-40
-30
-20
-10
0
10
20
30
40
50
60
70
8090
Temperature [°C]
3.3 V
3.0 V
2.7 V
2.2 V
1.8 V
0
0.5
1
1.5
2
2.5
3
-40
-30
-20
-10
0
10
20
30
40
50
60
70
8090
Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com