Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA128D4 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 31Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 32Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 33Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 34Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 35Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 36Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 37Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 38Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
35
8135G–AVR–08/10
XMEGA D4
19. TWI - Two-Wire Interface
19.1
Features
• Two identical TWI peripherals
• Simple yet Powerful and Flexible Communication Interface
• Both Master and Slave Operation Supported
• Device can Operate as Transmitter or Receiver
• 7-bit Address Space Allows up to 128 Different Slave Addresses
• Multi-master Arbitration Support
• Up to 400 kHz Data Transfer Speed
• Slew-rate Limited Output Drivers
• Noise Suppression Circuitry Rejects Spikes on Bus Lines
• Fully Programmable Slave Address with General Call Support
• Address Recognition Causes Wake-up when in Sleep Mode
• I2C and System Management Bus (SMBus) compatible
19.2
Overview
The Two-Wire Interface (TWI) is a bi-directional wired-AND bus with only two lines, the clock
(SCL) line and the data (SDA) line. The protocol makes it possible to interconnect up to 128 indi-
vidually addressable devices. Since it is a multi-master bus, one or more devices capable of
taking control of the bus can be connected.
The only external hardware needed to implement the bus is a single pull-up resistor for each of
the TWI bus lines. Mechanisms for resolving bus contention are inherent in the TWI protocol.
PORTC and PORTE each has one TWI. Notation of these peripherals are TWIC and TWIE,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com