Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA128D4 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 19Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 20Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 21Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 22Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 23Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 24Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 25Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 26Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
23
8135G–AVR–08/10
XMEGA D4
11.3.5
PDI reset
The MCU can be reset through the Program and Debug Interface (PDI).
11.3.6
Software reset
The MCU can be reset by the CPU writing to a special I/O register through a timed sequence.
12. WDT - Watchdog Timer
12.1
Features
• 11 selectable timeout periods, from 8 ms to 8s.
• Two operation modes
– Standard mode
– Window mode
• Runs from the 1 kHz output of the 32 kHz Ultra Low Power oscillator
• Configuration lock to prevent unwanted changes
12.2
Overview
The XMEGA D4 has a Watchdog Timer (WDT). The WDT will run continuously when turned on
and if the Watchdog Timer is not reset within a software configurable time-out period, the micro-
controller will be reset. The Watchdog Reset (WDR) instruction must be run by software to reset
the WDT, and prevent microcontroller reset.
The WDT has a Window mode. In this mode the WDR instruction must be run within a specified
period called a window. Application software can set the minimum and maximum limits for this
window. If the WDR instruction is not executed inside the window limits, the microcontroller will
be reset.
A protection mechanism using a timed write sequence is implemented in order to prevent
unwanted enabling, disabling or change of WDT settings.
For maximum safety, the WDT also has an Always-on mode. This mode is enabled by program-
ming a fuse. In Always-on mode, application software can not disable the WDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com