Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA128D4 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 26Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 27Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 28Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 29Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 30Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 31Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 32Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 33Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
30
8135G–AVR–08/10
XMEGA D4
15. T/C - 16-bit Timer/Counter
15.1
Features
• Four 16-bit Timer/Counters
– Three Timer/Counters of type 0
– One Timer/Counters of type 1
• Three Compare or Capture (CC) Channels in Timer/Counter 0
• Two Compare or Capture (CC) Channels in Timer/Counter 1
• Double Buffered Timer Period Setting
• Double Buffered Compare or Capture Channels
• Waveform Generation:
– Single Slope Pulse Width Modulation
– Dual Slope Pulse Width Modulation
– Frequency Generation
• Input Capture:
– Input Capture with Noise Cancelling
– Frequency capture
– Pulse width capture
– 32-bit input capture
• Event Counter with Direction Control
• Timer Overflow and Timer Error Interrupts and Events
• One Compare Match or Capture Interrupt and Event per CC Channel
• Hi-Resolution Extension (Hi-Res)
• Advanced Waveform Extension (AWEX)
15.2
Overview
XMEGA D4 has four Timer/Counters, three Timer/Counter 0 and one Timer/Counter 1. The dif-
ference between them is that Timer/Counter 0 has four Compare/Capture channels, while
Timer/Counter 1 has two Compare/Capture channels.
The Timer/Counters (T/C) are 16-bit and can count any clock, event or external input in the
microcontroller. A programmable prescaler is available to get a useful T/C resolution. Updates of
Timer and Compare registers are double buffered to ensure glitch free operation. Single slope
PWM, dual slope PWM and frequency generation waveforms can be generated using the Com-
pare Channels.
Through the Event System, any input pin or event in the microcontroller can be used to trigger
input capture, hence no dedicated pins are required for this. The input capture has a noise can-
celler to avoid incorrect capture of the T/C, and can be used to do frequency and pulse width
measurements.
A wide range of interrupt or event sources are available, including T/C Overflow, Compare
match and Capture for each Compare/Capture channel in the T/C.
PORTC has one Timer/Counter 0 and one Timer/Counter1. PORTD and PORTE each have one
Timer/Conter0. Notation of these are TCC0 (Time/Counter C0), TCC1, TCD0 and TCE0,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com