Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA128D4 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 87Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 88Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 89Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 90Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 91Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 92Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 93Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 94Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
91
8135G–AVR–08/10
XMEGA D4
5.
ADC gain stage output range is limited to 2.4 V
The amplified output of the ADC gain stage will never go above 2.4 V, hence the differential
input will only give correct output when below 2.4 V/gain. For the available gain settings, this
gives a differential input range of:
Problem fix/Workaround
Keep the amplified voltage output from the ADC gain stage below 2.4 V in order to get a cor-
rect result, or keep ADC voltage reference below 2.4 V.
6.
ADC has increased INL error for some operating conditions
Some ADC configurations or operating condition will result in increased INL error.
In signed mode INL is increased to:
– 6 LSB for sample rates above 130 kSPS, and up to 8 LSB for 200 kSPS sample rate.
– 6 LSB for reference voltage below 1.1V when VCC is above 3.0V.
– 20 LSB for ambient temperature below 0 degree C and reference voltage below 1.3V.
In unsigned mode, the INL is increased up to a factor of 3 for the conditions above.
Problem fix/Workaround
None, avoid using the ADC in the above configurations in order to prevent increased INL
error.
7.
ADC propagation delay is not correct when 8x-64x gain is used
The propagation delay will increase by only one ADC clock cycle for the 8x and 16x gain set-
ting, and 32x and 64x gain settings.
Problem fix/Workaround
None.
8.
BOD will be enabled after any reset
If any reset source goes active, the BOD will be enabled and keep the device in reset if the
VCC voltage is below the programmed BOD level. During Power-On Reset, reset will not be
released until VCC is above the programmed BOD level even if the BOD is disabled.
Problem fix/Workaround
Do not set the BOD level higher than VCC even if the BOD is not used.
–
1x
gain:
2.4
V
–
2x
gain:
1.2
V
–
4x
gain:
0.6
V
–
8x
gain:
300
mV
–
16x
gain:
150
mV
–
32x
gain:
75
mV
–
64x
gain:
38
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com