Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA128D4 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 25Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 26Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 27Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 28Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 29Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 30Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 31Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 32Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
29
8135G–AVR–08/10
XMEGA D4
14.4
Input sensing
• Sense both edges
• Sense rising edges
• Sense falling edges
• Sense low level
Input sensing is synchronous or asynchronous depending on the enabled clock for the ports,
and the configuration is shown in Figure 14-7 on page 29.
Figure 14-7. Input sensing system overview
When a pin is configured with inverted I/O, the pin value is inverted before the input sensing.
14.5
Port Interrupt
Each port has two interrupts with separate priority and interrupt vector. All pins on the port can
be individually selected as source for each of the interrupts. The interrupts are then triggered
according to the input sense configuration for each pin configured as source for the interrupt.
14.6
Alternate Port Functions
In addition to the input/output functions on all port pins, most pins have alternate functions. This
means that other modules or peripherals connected to the port can use the port pins for their
functions, such as communication or pulse-width modulation. ”Pinout and Pin Functions” on
page 46 shows which modules on peripherals that enable alternate functions on a pin, and
which alternate function is available on a pin.
INVERTED I/O
Interrupt
Control
IREQ
Event
Pn
D
Q
R
D
Q
R
Synchronizer
INn
EDGE
DETECT
Asynchronous sensing
Synchronous sensing
EDGE
DETECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com