Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA128D4 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 61Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 62Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 63Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 64Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 65Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 66Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 67Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 68Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
65
8135G–AVR–08/10
XMEGA D4
31.12 Oscillator Characteristics
Table 31-13. Internal 32.768 kHz Oscillator Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Accuracy
T = 85
°C, V
CC = 3V,
After production calibration
-0.5
0.5
%
Table 31-14. Internal 2 MHz Oscillator Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Accuracy
T = 85
°C, V
CC = 3V,
After production calibration
-1.5
1.5
%
DFLL Calibration step size
T = 25
°C, V
CC = 3V
0.15
Table 31-15. Internal 32 MHz Oscillator Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Accuracy
T = 85
°C, V
CC = 3V,
After production calibration
-1.5
1.5
%
DFLL Calibration stepsize
T = 25
°C, V
CC = 3V
0.2
Table 31-16. Internal 32 kHz, ULP Oscillator Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Output frequency 32 kHz ULP OSC
T = 85
°C, V
CC = 3.0V
26
kHz
Table 31-17. Maximum load capacitance (CL) and ESR recommendation for 32.768 kHz Crystal
Crystal CL [pF]
Max ESR [k
Ω]
6.5
60
935



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com