Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA128D4 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 16Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 17Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 18Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 19Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 20Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 21Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 22Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 23Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
20
8135G–AVR–08/10
XMEGA D4
10. Power Management and Sleep Modes
10.1
Features
• 5 sleep modes
–Idle
– Power-down
–Power-save
–Standby
– Extended standby
• Power Reduction registers to disable clocks to unused peripherals
10.2
Overview
XMEGA provides various sleep modes and software controlled clock gating in order to tailor
power consumption to the application's requirement. Sleep modes enables the microcontroller to
shut down unused modules to save power. When the device enters sleep mode, program exe-
cution is stopped and interrupts or reset is used to wake the device again. The individual clock to
unused peripherals can be stopped during normal operation or in sleep, enabling a much more
fine tuned power management than sleep modes alone
10.3
Sleep Modes
Sleep modes are used to shut down modules and clock domains in the microcontroller in order
to save power. XMEGA has five different sleep modes. A dedicated Sleep instruction (SLEEP) is
available to enter sleep. Before executing SLEEP, the selected sleep mode to enter must be
configured. The available interrupt wake-up sources is dependent on the selected sleep mode.
When an enabled interrupt occurs the device will wake up and execute the interrupt service rou-
tine before continuing normal program execution from the first instruction after the SLEEP
instruction. If other higher priority interrupts are pending when the wake-up occurs, their interrupt
service routines will be executed according to their priority before the interrupt service routine for
the wake-up interrupt is executed. After wake-up the CPU is halted for four cycles before execu-
tion starts.
10.3.1
Idle Mode
In Idle mode the CPU and Non-Volatile Memory are stopped, but all peripherals including the
Interrupt Controller and Event System are kept running. Interrupt requests from all enabled inter-
rupts will wake the device.
10.3.2
Power-down Mode
In Power-down mode all system clock sources, and the asynchronous Real Time Counter (RTC)
clock source, are stopped. This allows operation of asynchronous modules only. The only inter-
rupts that can wake up the MCU are the Two Wire Interface address match interrupts, and
asynchronous port interrupts.
10.3.3
Power-save Mode
Power-save mode is identical to Power-down, with one exception:
If the Real Time Counter (RTC) is enabled, it will keep running during sleep and the device can
also wake up from either RTC Overflow or Compare Match interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com