Electronic Components Datasheet Search
  English  ▼

X  

VSC056 Datasheet(PDF) 81 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 81 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 77Page - Maxim Integrated Products VSC056 Datasheet HTML 78Page - Maxim Integrated Products VSC056 Datasheet HTML 79Page - Maxim Integrated Products VSC056 Datasheet HTML 80Page - Maxim Integrated Products VSC056 Datasheet HTML 81Page - Maxim Integrated Products VSC056 Datasheet HTML 82Page - Maxim Integrated Products VSC056 Datasheet HTML 83Page - Maxim Integrated Products VSC056 Datasheet HTML 84Page - Maxim Integrated Products VSC056 Datasheet HTML 85Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 134 page
background image
81 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
Table 6 shows the available input edge combinations.
3.2.74 88h: Pulse Train Control 80 (PTC80)
This register, along with the PTC81 register, provides a user-programmable LED flashing pulse train that
defines the 0.33 Hz flash rate (selectable in the bit control registers) at power on. The user can adjust the
pulse duration, the pulse train length, and the on/off time to derive a specific visual indication. The PTC80
register provides eight of the twelve bits available in the programmable pulse train. The PTC81 register
contains two bits of pulse-width programmability, two bits of pulse train length programmability, and the
remaining four bits of the programmable pulse train.
As an example, the pulse train can be used to develop a visual heartbeat indication by programming the
PTC80 register with a 45h and the PTC81 register with a 01h. This combination develops a pulse train
with two blinks followed by a gap with the on times of the LED equal to 166.67 ms.
If the default values of this register or the PTC51 register are modified, and synchronization to other LED
flash rates is desired, the SYNC# pin must be enabled. To enable the SYNC# pin, tie the SYNCEN pin to
VDD, connect an external 10 kΩ pull-up resistor to the SYNC# pin, and place the proper synchronization
value in bits 3:0 of the Clock Select Control register. For information on the Clock Select Control register,
see “FDh: Clock Select Control (CSC),” page 111.
The following table shows the bit assignments for the Pulse Train Control 80 register.
1110
01
Pulse Train 6 selected, drive to VDD only
1111
01
Pulse Train 7 selected, drive to VDD only
Table 6. Input Edge Combinations
FS2
FS1
FS0
DD
GPD
Interrupt Condition
0001
X
No interrupt generated, default
X
0
1
1
X
Interrupt generated on a rising edge
X
1
0
1
X
Interrupt generated on a falling edge
X
1
1
1
X
Interrupt generated on either edge
1001
X
No interrupt generated
Register Name:
PTC80
Address:
88h
Reset Value:
0011_1111b
Bit
Bit Label
Access
Description
7:0
PT7-0
R/W
Pulse Train
These eight bits are the first bits shifted out from 0 to 7 and define the on/off
time for the 0.33 Hz (FS2-FS0 = 010b in the selected Bit Control register) flash
rate.
1: defines LED on time.
0: defines LED off time.
Table 5. LED Options (continued)
PTE
FS2
FS1
FS0
DD
GPD
I/O State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com