Electronic Components Datasheet Search
  English  ▼

X  

VSC056 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 20Page - Maxim Integrated Products VSC056 Datasheet HTML 21Page - Maxim Integrated Products VSC056 Datasheet HTML 22Page - Maxim Integrated Products VSC056 Datasheet HTML 23Page - Maxim Integrated Products VSC056 Datasheet HTML 24Page - Maxim Integrated Products VSC056 Datasheet HTML 25Page - Maxim Integrated Products VSC056 Datasheet HTML 26Page - Maxim Integrated Products VSC056 Datasheet HTML 27Page - Maxim Integrated Products VSC056 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 134 page
background image
24 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
3.2.6
05h: General-Purpose I/O Port 5 Data (GPD5)
The following table shows the bit assignments for the General-Purpose I/O Port 5 Data register. Control of
the individual I/O pins in this register can be overridden by the PBC8, PBC9, PBC10, and PBC11 registers
when port bypass control is required.
3.2.7
06h: General-Purpose I/O Port 6 Data (GPD6)
The following table shows the bit assignments for the General-Purpose I/O Port 6 Data register. Control of
the individual I/O pins in this register can be overridden by the PBC12, PBC13, PBC14, and PBC15
registers when port bypass control is required.
Register Name:
GPD5
Address:
05h
Reset Value:
XXXX_XXXXb
Bit
Bit Label
Access
Description
7:0
GPD5.7-0
R/W
General-Purpose Data
When the I/O pin is enabled as an output, writing these bits determines the data
value that will be present on the corresponding I/O pin.
If the I/O pin is enabled as an input, reading these register bits represents the
current voltage applied to the pin. At no time do the bits directly represent the
value latched into the data register.
If a pin is enabled as an input and there is no signal applied, weak internal pull-
up resistors hold the pin at a binary 1.
After a reset or power on, the register bits are set to a binary 1, but the value
returned from a register read is the level applied to the pin since each pin is an
input by default.
Register Name:
GPD6
Address:
06h
Reset Value:
XXXX_XXXXb
Bit
Bit Label
Access
Description
7:0
GPD6.7-0
R/W
General-Purpose Data
When the I/O pin has been enabled as an output, writing these bits determines
the data value that will be present on the corresponding I/O pin.
If the I/O pin has been enabled as an input, reading these register bits represents
the current voltage applied to the pin. At no time do the bits directly represent the
value latched into the data register.
If a pin is enabled as an input and there is no signal applied, weak internal pull-up
resistors hold the pin at a binary 1.
After a reset or power on, the register bits are set to a binary 1, however, the
value returned from a register read is the level applied to the pin since each pin is
an input by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com