Electronic Components Datasheet Search
  English  ▼

X  

VSC056 Datasheet(PDF) 87 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 87 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 83Page - Maxim Integrated Products VSC056 Datasheet HTML 84Page - Maxim Integrated Products VSC056 Datasheet HTML 85Page - Maxim Integrated Products VSC056 Datasheet HTML 86Page - Maxim Integrated Products VSC056 Datasheet HTML 87Page - Maxim Integrated Products VSC056 Datasheet HTML 88Page - Maxim Integrated Products VSC056 Datasheet HTML 89Page - Maxim Integrated Products VSC056 Datasheet HTML 90Page - Maxim Integrated Products VSC056 Datasheet HTML 91Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 134 page
background image
87 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
3.2.79 98h-9Fh: Pulse-Width Modulation Control (PWMC0-PWMC7)
These eight registers provide a pulse-width modulated output that can optionally be made available on
each of the Port 1 I/O pins. Configurations for these I/O pins that may have been previously enabled
through other control registers are overridden if either one or both of the PWBF bits are set. The PWBF
bits have higher priority control over the Port 1 I/O pins than any other mode of operation. The pulse-width
modulated outputs are based on a 32-step counter and provide values from a 3.125% to a 100% duty cycle
in 3.125% increments.
The following table shows the bit assignments for the Pulse-Width Modulation Control registers.
The following table shows the available percentages of high time for the pulse width for the PWP4-0 bits.
Register Name:
PWMC0-PWMC7
Address:
98h-9Fh
Reset Value:
X000_0000b
Bit
Bit Label
Access
Description
6:5
PWBF1-0
R/W
Pulse-Width Base Frequency
These two bits determine the base operating frequency of the pulse-width
modulated output. These frequencies vary with the input clock rate and are
nominally based on a 10.0 MHz clock source. The available base frequencies
are as follows.
4:0
PWP4-0
R/W
Pulse-Width Percentage
These five bits determine the percentage of high time that the output pulse
contains. There are 32 steps that can be adjusted in 3.125% increments. For
the available percentages of high time, see Table 7, page 87.
Table 7. Pulse-Width Percentages
PWP4
PWP3
PWP2
PWP1
PWP0
Pulse-Width Percentage
0
0
0
0
0
3.125% on/high time
0
0
0
0
1
6.25% on/high time
0
0
0
1
0
9.375% on/high time
0
0
0
1
1
12.5% on/high time
0
0
1
0
0
15.625% on/high time
0
0
1
0
1
18.75% on/high time
0
0
1
1
0
21.875% on/high time
0
0
1
1
1
25.0% on/high time
0
1
0
0
0
28.125% on/high time
0
1
0
0
1
31.25% on/high time
0
1
0
1
0
34.375% on/high time
0
1
0
1
1
37.5% on/high time
0
1
1
0
0
40.625% on/high time
PWBF1
PWBF0
Pulse-Width Base Frequency
0
0
Normal operation—control is provided through
GPD1/DDP1 or BCP1
0
1
26 kHz base frequency
1
0
52 kHz base frequency
1
1
104 kHz base frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com