Electronic Components Datasheet Search
  English  ▼

X  

VSC056 Datasheet(PDF) 89 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 89 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 85Page - Maxim Integrated Products VSC056 Datasheet HTML 86Page - Maxim Integrated Products VSC056 Datasheet HTML 87Page - Maxim Integrated Products VSC056 Datasheet HTML 88Page - Maxim Integrated Products VSC056 Datasheet HTML 89Page - Maxim Integrated Products VSC056 Datasheet HTML 90Page - Maxim Integrated Products VSC056 Datasheet HTML 91Page - Maxim Integrated Products VSC056 Datasheet HTML 92Page - Maxim Integrated Products VSC056 Datasheet HTML 93Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 134 page
background image
89 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
3.2.80 A0h-A7h: Bit Control Port 2 (BCP20-BCP27)
These eight registers function the same as the Bit Control Port 0 registers except they provide individual bit
control for the Port 2 I/O pins. All register bits are identical from a control and status perspective, with the
only difference being the individual I/O pin controlled and the presence of the bypass function. The Data
Direction (bit 1) and General-Purpose Data (bit 0) bits are effectively the same bits found in the DDP0 and
GPD0 registers, with parallel read and write paths. For information about the functionality of the Bit
Control Port 0 registers, see “80h-87h: Bit Control Port 0 (BCP00-BCP07),” page 78.
The following table shows the bit assignments for the Bit Control Port 2 registers.
Register Name:
BCP20-BCP27
Address:
A0h-A7h
Reset Value:
0000_001Xb
Bit
Bit Label
Access
Description
7
PTE
R/W
Pulse Train Enable
This bit, along with the FS bits, enables one of eight pulse train circuits
controlled by the pulse train registers, PTC00 through PTC71 (70h through
7Fh), as the output drive function for this I/O pin.
When the PTE bit set, the FS bits select one of eight pulse train circuits instead
of the normal fixed-rate LED flashing circuits or the normal output drive mode.
For the various LED drive control modes, see Table 5, page 80.
After a reset or power on, this bit is cleared.
6:5
BYP1-0
R/W
Bypass Select
These two bits determine the bypass function of the odd-numbered I/O pins
P0.7, P0.5, P0.3, and P0.1.
Setting either one or both of these bits causes the I/O pin to be configured as
an output that reflects the input state of the corresponding even-numbered I/O
pins P0.6, P0.4, P0.2, and P0.0.
As an example, P0.1 can be configured as an output that follows the signal
applied to the P0.0 input. These two register bits only appear in the
odd-numbered bit control registers BCP07, BCP05, BCP03, and BCP01. For
the available output drive combinations, see Table 4, page 80.
Note: These bits are only used when the bypass function is desired. They
should not be set when normal GPIO operation, PBC operation, or fan speed
monitoring are selected through the appropriate registers or through the use of
the FS, DD, and GPD bits. The PWM function (Port 0 only) and bypass function
are the highest priority controls for the appropriate I/O pin. The next highest
priorities are the PBC function (Port 3 through Port 6) and fan speed
monitoring (Port 1 and Port 2). The lowest priorities are the bit control features
found in the GPD, DD, and BCP registers.
Only one mode of operation should be enabled for each I/O pin at any time. If a
mode change is desired, first disable the existing mode, then enable the new
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com