Electronic Components Datasheet Search
  English  ▼

X  

VSC056 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 7Page - Maxim Integrated Products VSC056 Datasheet HTML 8Page - Maxim Integrated Products VSC056 Datasheet HTML 9Page - Maxim Integrated Products VSC056 Datasheet HTML 10Page - Maxim Integrated Products VSC056 Datasheet HTML 11Page - Maxim Integrated Products VSC056 Datasheet HTML 12Page - Maxim Integrated Products VSC056 Datasheet HTML 13Page - Maxim Integrated Products VSC056 Datasheet HTML 14Page - Maxim Integrated Products VSC056 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 134 page
background image
11 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
2
Functional Descriptions
The VSC056 device is composed of five major functional blocks:
●
a Slave mode two-wire serial interface
●
a block of control registers
●
general-purpose I/O and specialized port bypass control logic
●
a clock generator
●
power-on reset control logic
The VSC056 fully supports a generic two-wire serial interface and is compatible with other industry-
standard devices that support this interface at both 100 kHz and 400 kHz.
2.1
Two-Wire Serial Interface
The VSC056 device supports a single Slave mode two-wire serial interface. All interchip communication
to a microcontroller takes place over this bus. The interface supports a 3-bit address bus that allows the
user to select one of eight possible addresses. The address bus is compared to bits 3:1 of the slave address
byte. The slave address byte is the first byte transmitted to the device after a START condition. The
VSC056 supports two pin-selectable, 4-bit device type identifier values, 1000b and 1100b. The address
bits and the device identifier allow the use of up to 16 devices on a single two-wire serial interface. The
serial interface control logic includes:
●
a slave state machine
●
address comparison logic
●
serial-to-parallel and parallel-to-serial conversion
●
register read/write control
●
filtering for the clock and data line
A read or write transaction is determined by the least significant bit (R/W) of the first byte transferred.
Write accesses require a 3-byte transfer. The first byte is the slave address with the R/W bit LOW, the
second byte contains the register address, and the third byte is the write data. Read access requires a 4-byte
transfer since data transfer direction can not change after receipt of the slave address byte. The first byte is
the slave address with the R/W bit LOW, the second byte contains the register address, the third byte is a
repeated slave address with the R/W bit HIGH, and the fourth byte is the read data. If the transaction is a
write, the data will be latched into the appropriate register during the acknowledge of the third byte. All
transactions to or from the device complete during the acknowledge of the third byte allowing the user to
immediately initiate another transfer to the device. Sequential read or write transactions are allowed and
are extensions of the above protocol with additional data bytes added to the end of the transaction. All
sequential transactions cause the internal address to increment by one, regardless of the register address.
2.2
Control Registers
The VSC056 device contains six groups of control registers. Each group supports a specific function
within the device as follows:
●
the first group is the port data registers
●
the second group is the data direction registers
●
the third group contains special bit control features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com