| Electronic Components Datasheet Search |
|
VSC056 Datasheet(PDF) 18 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
VSC056 Datasheet(HTML) 18 Page - Maxim Integrated Products |
|
18 / 134 page ![]() 18 of 134 VSC056 Data Sheet Revision 4.1 January 2008 A5h R/W BCP25 Bit Control Port 2 - Bit 5 Register A6h R/W BCP26 Bit Control Port 2 - Bit 6 Register A7h R/W BCP27 Bit Control Port 2 - Bit 7 Register B0h R/W BCP30 Bit Control Port 3 - Bit 0 Register B1h R/W BCP31 Bit Control Port 3 - Bit 1 Register B2h R/W BCP32 Bit Control Port 3 - Bit 2 Register B3h R/W BCP33 Bit Control Port 3 - Bit 3 Register B4h R/W BCP34 Bit Control Port 3 - Bit 4 Register B5h R/W BCP35 Bit Control Port 3 - Bit 5 Register B6h R/W BCP36 Bit Control Port 3 - Bit 6 Register B7h R/W BCP37 Bit Control Port 3 - Bit 7 Register C0h R/W BCP40 Bit Control Port 4 - Bit 0 Register C1h R/W BCP41 Bit Control Port 4 - Bit 1 Register C2h R/W BCP42 Bit Control Port 4 - Bit 2 Register C3h R/W BCP43 Bit Control Port 4 - Bit 3 Register C4h R/W BCP44 Bit Control Port 4 - Bit 4 Register C5h R/W BCP45 Bit Control Port 4 - Bit 5 Register C6h R/W BCP46 Bit Control Port 4 - Bit 6 Register C7h R/W BCP47 Bit Control Port 4 - Bit 7 Register CCh R/W GPTC0 General-Purpose Timer Count 0 Register CDh R/W GPTC1 General-Purpose Timer Count 1 Register CEh R/W GPTC2 General-Purpose Timer Count 2 Register CFh R/W GPTE General-Purpose Timer Enable Register D0h R/W BCP50 Bit Control Port 5 - Bit 0 Register D1h R/W BCP51 Bit Control Port 5 - Bit 1 Register D2h R/W BCP52 Bit Control Port 5 - Bit 2 Register D3h R/W BCP53 Bit Control Port 5 - Bit 3 Register D4h R/W BCP54 Bit Control Port 5 - Bit 4 Register D5h R/W BCP55 Bit Control Port 5 - Bit 5 Register D6h R/W BCP56 Bit Control Port 5 - Bit 6 Register D7h R/W BCP57 Bit Control Port 5 - Bit 7 Register E0h R/W BCP60 Bit Control Port 6 - Bit 0 Register E1h R/W BCP61 Bit Control Port 6 - Bit 1 Register E2h R/W BCP62 Bit Control Port 6 - Bit 2 Register E3h R/W BCP63 Bit Control Port 6 - Bit 3 Register E4h R/W BCP64 Bit Control Port 6 - Bit 4 Register E5h R/W BCP65 Bit Control Port 6 - Bit 5 Register E6h R/W BCP66 Bit Control Port 6 - Bit 6 Register E7h R/W BCP67 Bit Control Port 6 - Bit 7 Register E8h R/W MICD Master Interface Clock Divider Register Table 2. Register Map (continued) Data Memory Address Access Label Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |