Electronic Components Datasheet Search
  English  ▼

X  

VSC056 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 10Page - Maxim Integrated Products VSC056 Datasheet HTML 11Page - Maxim Integrated Products VSC056 Datasheet HTML 12Page - Maxim Integrated Products VSC056 Datasheet HTML 13Page - Maxim Integrated Products VSC056 Datasheet HTML 14Page - Maxim Integrated Products VSC056 Datasheet HTML 15Page - Maxim Integrated Products VSC056 Datasheet HTML 16Page - Maxim Integrated Products VSC056 Datasheet HTML 17Page - Maxim Integrated Products VSC056 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 134 page
background image
14 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
The VSC056 device can operate at frequencies other than those listed in the above table and maintain
accurate fan speed and LED control frequencies, as well as continue to meet both the Standard mode
(100 kHz) and Fast mode (400 kHz) serial interface timings. Frequencies from 8.0 MHz to 12.5 MHz and
32.0 MHz to 75.0 MHz are allowable as long as they meet the AC timing requirements. For information on
AC timing requirements, see “AC Characteristics,” page 119.
The Clock Divider Control Register (CDC), located at FEh, can be programmed to override the divider
value selected by the CKSEL input pins and adjust the divided clock source used for the fan speed and
LED control logic. The pulse-width modulated outputs are not controlled by this logic and can vary based
on the input frequency. For examples of various frequency settings, based on both the CKSEL inputs and
the appropriate CDC register value, see“FEh: Clock Divider Control (CDC),” page 113.
Logic within the VSC056 synchronizes the divided clocks between devices attached to the same two-wire
serial bus with no more than 200 ns of skew when the fixed divider frequencies are used. Multiple devices
can then be used to drive different LEDs at the same frequency, providing a synchronized visible
indication. Devices attached to different two-wire serial busses can be synchronized by enabling the
SYNC# pin. This pin, which is connected to the SYNC# pin of all VSC056 devices in the system, provides
a sync pulse based on a programmable delay that is greater than the slowest selected LED flash rate. For
more information about the programmable capabilities of this feature, see “FDh: Clock Select Control
(CSC),” page 111.
2.5
Power-on Reset
Power-on reset (POR) is accomplished by the use of an internal POR cell. The external RESET# pin
provides the ability to reset the two-wire serial interface core, allowing for easy recovery of the two-wire
serial bus after a warm restart or at any time deemed appropriate within the system. If the external
RESET# pin is used, it can be driven by a power supply supervisor circuit, a reset pulse sourced from
another device, or a simple circuit composed of a resistor, a capacitor, and a diode. The external reset
source does not have to be synchronous to the VSC056 clock input. If the external resistor-capacitor-diode
circuit is used, the components selected must be able to provide a valid LOW to HIGH transition after VDD
is stable. If the RESET# pin is not used, it must be connected to VDD. After power on, the serial interface
state machine always returns an idle state while waiting for a START condition to appear on the SCL and
SDA pins. A proper power-on reset sequence clears the serial interface state machine, the clock generators,
the control registers, the I/O control logic, and the port bypass control logic. The divided clocks used for
LED flash rate generation are also in a known state. Regardless of the effectiveness of the power-on reset
mechanism, it is strongly recommended that the control registers and the I/O control logic be cleared
through the Soft Reset register bit. This can be accomplished by writing a 80h to the BCT Register (FCh),
followed immediately by a two-wire STOP condition. This bit is self-resetting and does not require further
attention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com