Electronic Components Datasheet Search
  English  ▼

X  

VSC056 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 16Page - Maxim Integrated Products VSC056 Datasheet HTML 17Page - Maxim Integrated Products VSC056 Datasheet HTML 18Page - Maxim Integrated Products VSC056 Datasheet HTML 19Page - Maxim Integrated Products VSC056 Datasheet HTML 20Page - Maxim Integrated Products VSC056 Datasheet HTML 21Page - Maxim Integrated Products VSC056 Datasheet HTML 22Page - Maxim Integrated Products VSC056 Datasheet HTML 23Page - Maxim Integrated Products VSC056 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 134 page
background image
20 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
reserved
FSCC7
FSCO7
FSC7
4Ch
reserved
reserved
reserved
reserved
50h-6Ch
PTC11
PTC10
PTC01
PTC00
70h
PTC31
PTC30
PTC21
PTC20
74h
PTC51
PTC50
PTC41
PTC40
78h
PTC71
PTC70
PTC51
PTC50
7Ch
BCP03
BCP02
BCP01
BCP00
80h
BCP07
BCP06
BCP05
BCP04
84h
reserved
reserved
PTC41
PTC40
88h
reserved
reserved
PTC51
PTC50
8Ch
BCP13
BCP12
BCP11
BCP10
90h
BCP17
BCP16
BCP15
BCP14
94h
PWMC3
PWMC2
PWMC1
PWMC0
98h
PWMC7
PWMC6
PWMC5
PWMC4
9Ch
BCP23
BCP22
BCP21
BCP20
A0h
BCP27
BCP26
BCP25
BCP24
A4h
reserved
reserved
reserved
reserved
A8h-ACh
BCP33
BCP32
BCP31
BCP30
B0h
BCP37
BCP36
BCP35
BCP34
B4h
reserved
reserved
reserved
reserved
B8h-BCh
BCP43
BCP42
BCP41
BCP40
C0h
BCP47
BCP46
BCP45
BCP44
C4h
reserved
reserved
reserved
reserved
C8h
GPTE
GPTC2
GPTC1
GPTC0
CCh
BCP53
BCP52
BCP51
BCP50
D0h
BCP57
BCP56
BCP55
BCP54
D4h
reserved
reserved
reserved
reserved
D8h-DCh
BCP63
BCP62
BCP61
BCP60
E0h
BCP67
BCP66
BCP65
BCP64
E4h
MIC
MID
MIPS
MICD
E8h
reserved
MIRD
MIS
MILC
ECh
BCP73
BCP72
BCP71
BCP70
F0h
BCP77
BCP76
BCP75
BCP74
F4h
reserved
reserved
reserved
BCIS
F8h
VER
CDC
CSC
BCT
FCh
Table 3. Address Map (continued)
11b
10b
01b
00b
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com